Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD91EB5 Datasheet(PDF) 9 Page - NEC

Part # RD91EB5
Description  500 mW DHD ZENER DIODE DO-35
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD91EB5 Datasheet(HTML) 9 Page - NEC

Back Button RD91EB5 Datasheet HTML 4Page - NEC RD91EB5 Datasheet HTML 5Page - NEC RD91EB5 Datasheet HTML 6Page - NEC RD91EB5 Datasheet HTML 7Page - NEC RD91EB5 Datasheet HTML 8Page - NEC RD91EB5 Datasheet HTML 9Page - NEC RD91EB5 Datasheet HTML 10Page - NEC RD91EB5 Datasheet HTML 11Page - NEC RD91EB5 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RD2.0E to RD200E
9
GENERAL PURPOSE INFORMATION
•
Power Dissipation
Total power dissipation P can be calculated by the maximum junction temperature, ambient temperature and
thermal resistance.
P =
TjMAX. – TA
TjMAX. :
Maximum Junction Temperature
Rth
TA
:
Ambient Temperature
Rth
:
Thermal Resistance (to see Fig. 10, 11)
TA = 25 ˚C
Repetitive
tT
1 000
100
10
1
1
µ
10
µ
100
µ
1 m
10 m
100 m
tT – Pulse Width – s
Fig. 17 SURGE REVERSE POWER RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com