Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FYL-5013PURD1C Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-5013PURD1C
Description  Red diffused led
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-5013PURD1C Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-5013PURD1C Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013PURD1C Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013PURD1C Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013PURD1C Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013PURD1C Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model. No.
FYL-5013PURD1C
Rev.
A
Http://www.foryard.com
Features
1.
Low power consumption.
2.
High efficiency.
3.
General purpose leads.
4.
High intensity.
5.
RoHs compliant.
Package configuration
Notes:
1. All dimensions are millimeters (inches)
2. Tolerance is ±0.25mm(.010”) unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com