Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FYL-5013PURD1C Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-5013PURD1C
Description  Red diffused led
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-5013PURD1C Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-5013PURD1C Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013PURD1C Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013PURD1C Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013PURD1C Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013PURD1C Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model. No.
FYL-5013PURD1C
Rev.
A
Http://www.foryard.com
Absolute maximum ratings(Ta=25
゜
с)
Parameter
MAX.
Unit
Power Dissipation
75
mW
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
Continuous Forward Current
30
mA
Derating Linear From 50
℃
0.4
mA/
℃
Reverse Voltage
5
V
Operating Temperature Range
-40
℃
to +85
℃
Storage Temperature Range
-40
℃
to +100
℃
Lead Soldering Temperature[4mm(.157”) From Body]
260
for 5 Seconds
℃
Electrical and optical characteristics(Ta=25
゜
с)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
--
2200
--
mcd
IF=20mA
Viewing Angle
2θ1/2
--
30
--
Deg
Peak Emission Wavelength
λp
--
630
--
nm
Dominant Wavelength
λd
620
625
630
nm
Spectral Line Half-Width
△
λ
--
15
--
nm
Forward Voltage
VF
1.7
2.0
2.5
V
Reverse Current
IR
10
µA
VR=5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com