Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2962 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2962
Description  70 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2962 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2962 Datasheet HTML 1Page - KR Electronics, Inc. 2962 Datasheet HTML 2Page - KR Electronics, Inc. 2962 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2962, 70 MHz Bandpass, Rev 0, December 29, 2009
KR Electronics, Inc.
KR Electronics part number 2962 is a 70 MHz bandpass filter.
The filter has a typical 3 dB bandwidth of 2.6 MHz. Other center
frequencies and bandwidths available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
Features
 70 MHz Center Frequency
 3 dB Bandwidth, 2.6 MHz typical
 40 dB Bandwidth, 7.4 MHz typical
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2962

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2962 ALLEGRO-2962 Datasheet
141Kb / 8P
DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL
logo
Heyco.
2962 HEYCO-2962 Datasheet
111Kb / 1P
Connector Caps and Plugs
logo
PHOENIX CONTACT
2962023 PHOENIX-2962023 Datasheet
132Kb / 4P
UM-16 RELS/KSR-G24/ 1/N/PE/PLC
2962036 PHOENIX-2962036 Datasheet
130Kb / 4P
UM-16 RELS/KSR-G24/1/NPE/E/PLC
2962191 PHOENIX-2962191 Datasheet
128Kb / 4P
UM-16 RELS/KSR-G24/21-21/PLC
More results

Similar Description - 2962

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2925 KR-2925 Datasheet
101Kb / 3P
70 MHz Center Frequency
2924 KR-2924 Datasheet
102Kb / 3P
70 MHz Center Frequency
2871-SMA KR-2871-SMA Datasheet
49Kb / 2P
70 MHz Center Frequency
2657-N KR-2657-N Datasheet
40Kb / 2P
70 MHz Center Frequency
2972 KR-2972 Datasheet
53Kb / 3P
70 MHz Center Frequency
2993 KR-2993 Datasheet
66Kb / 3P
70 MHz Center Frequency
2997 KR-2997 Datasheet
75Kb / 3P
70 MHz Center Frequency
3011 KR-3011 Datasheet
62Kb / 3P
70 MHz Center Frequency
2924+ KR-2924+ Datasheet
102Kb / 3P
70 MHz Center Frequency
2925+ KR-2925+ Datasheet
101Kb / 3P
70 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com