Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1534 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1534
Description  TS971 based Electret Condenser Microphone amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1534 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1534 Datasheet HTML 1Page - STMicroelectronics AN1534 Datasheet HTML 2Page - STMicroelectronics AN1534 Datasheet HTML 3Page - STMicroelectronics AN1534 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AN1534 - APPLICATION NOTE
2/4
We selected a popular model from Panasonic: the
WM-60A series. It’s an omni-directional micro-
phone with the following main characteristics:
u Operating: from 2 to 10V.
u Sensitivity: -44dB +/- 5dB (0dB=1V/Pa).
u Impedance: less than 2.2k
Ω
u S/N ratio: more than 58dB
u Current Consumption: 0.5mA max
u Recommended Load Resistor: R
L: 2.2kΩ
The sensitivity of the microphone defines its gain
as per the following formula:
So with a -44dB sensitivity, we can conclude that
the gain of the microphone is 0.0063V/Pa or
6.3mV/Pa. With this value, we can get a good idea
of the output voltage of the microphone. It would
be around 12.6
µV for a quiet room (2mPa or
40dB) and would reach approximately 6.3mV for
the climax of a symphonic orchestra (1Pa or
110dB). This sound data is with a source at 1
meter from the microphone. This reference is
mandatory, the distance between the microphone
and the audio signal is illustrated by the Acoustic
Intensity (in Watt/m2).
Let’s take the example of a conversation. It’s
equivalent to roughly 20mPa or 60dB SPL at 1
meter. So an Acoustic Intensity of 1
µW and 126µV
at the output of the microphone. The intensity de-
creases with the squared value of the distance be-
tween the source and the microphone. So for a
distance of 5cm, you would get a value of 400
µW.
As per the Table 1 formulas, we can calculate the
"equivalent SPL value at 1m": 86dB, then we get
the Acoustic Pressure: 0.4Pa which gives us the
output of the microphone:
0.4 x 0.0063 = 2.52mV (distance divided by 20
and output voltage increased by the same ratio).
We can summarize these considerations into the
following checklist:
u What type of signal do you want to amplify?
u How powerful?At what distance?
u What are the minimum and maximum of
each above parameters?
With these values, you will be able the calculate
the microphone’s output voltage range and be
able to choose the right gain of the amplifier here-
after.
Also, if you want to implement a noise canceling
function, you can also choose another type of mi-
crophone called bi-directional microphone or
noise canceling microphone.
3 - COMPONENTS CALCULATION
Let’s look now on how to implement such an am-
plifier with TS971. You can refer to schematic on
Figure 1 hereafter. We’ve chosen a non-inverter
typology to exploit to the best the low noise char-
acteristics of the device. Indeed, with an inverter
configuration, the input resistor adds significant
noise to the application.
First, let’s look on the behavior in DC mode. The
first goal is to polarize the Electret Condenser Mi-
crophone. By using R1 and R2, we can polarize it
around Vcc/2 as per below formula:.
The only criteria is that this current must remain
below 0.5mA over the supply range (otherwise,
you can increase R1 value).
R1 is also acting together with C1 as a filter for the
power supply line of the microphone. Then in AC
mode, C1 is fixing the gain of the microphone by
allowing only R2 to act (and not R2+R1 as C1 is
equivalent to a short circuit to the ground). And R2
must equal RL=2.2kΩ for the microphone we’ve
chosen. In AC mode, this type of microphone can
be simplified and compared to a current source in
parallel with R2, hence a voltage source.
Then to avoid extra offset drift due to bias current
mismatching, following resistor values need to
comply with the following rule:
The second step is, still in DC mode, to polarize
the reference pin of the TS971. It’s the inverting
pin here that will be set at Vcc/2 by the R5 and R6
bridge. C4 adds here additionnal filtering of this
reference voltage. This configuration allows the bi-
asing or the "centring" of the signal at mid-supply
voltage. Hence it allows to maximize the swing
within the supply voltage range. This bias voltage
just needs to be kept within VICM range. This
means VICM or Common Mode Input Voltage must
be at least 1.15V inside the supply voltage rails,
i.e. from Vdd+1.15 to Vcc-1.15V.
)
Pa
/
V
(
10
G
)
20
y
Sensitivit
(
mike =
)
A
(
)
R
R
(
2
Vcc
I
2
1
mike
pol
+
×
≈
−
)
Ohms
(
R
R
R
R
R
R
R
6
5
6
5
3
4
8
+
×
+
+
≈



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com