Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1534 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1534
Description  TS971 based Electret Condenser Microphone amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1534 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1534 Datasheet HTML 1Page - STMicroelectronics AN1534 Datasheet HTML 2Page - STMicroelectronics AN1534 Datasheet HTML 3Page - STMicroelectronics AN1534 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AN1534 - APPLICATION NOTE
3/4
Figure 1: ECM Microphone Pre-amp. with TS971
This bridge can also be supplied by an ASIC’s
"Vref out" pin or by another operator of the op-amp
connected as a buffer (using the TS972, a dual
op-amp, this can be implemented easily).
An important note on the impedance of the ampli-
fier is that, in AC mode, R4 is equivalent to the in-
put impedance of the amplifier stage. It must not
be too small to avoid the collapsing of the micro-
phone signal!
The coupling capacitor (C6) makes this application
universal, however, you could omit it when attack-
ing an A/D converter. In this case, you only have
to adapt the bridge set by R5 & R6 to match the in-
put voltage range of the converter. Thanks to its
Rail-to-Rail output, the TS971 simplifies the pro-
cess.
We’re coming now to the filter definition, when
looking at figure 1, we can see three filters: two
high pass and a low pass. Each has a 6dB/octave
attenuation factor.
The high pass filter is built by C5, R4 and also R2.
The theoretical formula to calculate FCL or the
Lower Cutoff Frequency (here approximately 79
Hertz) is the following
Another high pass filter is made by C7 and R7. The
cutoff frequency is better set at a lower value than
FCL to have a stronger reduction (i.e. -12dB/oc-
tave) of low frequencies (here 59Hz).
Then for the low pass filter (optional), to calculate
FCH or the Higher Cutoff Frequency (here approx-
imately 10.7kHz), we have the following formula::
The next step is to configure G or the gain of the
amplifier (here 90 or +39dB):
TS461/971
R8
82k
R7
820R
R6
100k
R5
100k
R1
1k
R2
2.2k
C7
3.3u
C1
10u
C6*
1u
C5
100n
C2*
10u
Vcc = 2.7V min.
Vcc
C8*
180p
Electret
Condenser
Microphone
Output
C4
2.2u
C3
4.7u
R3
15k
R4
18k
R
100R
C
47p
Optionnal
EMI filter
EMI
EMI
* Optional : refer to text
()
)
Hz
(
C
R
R
2
1
F
5
4
2
1
CL
×
+
×
π
×
≈
)
Hz
(
C
R
2
1
F
7
7
2
CL
×
×
π
×
≈
)
Hz
(
C
R
2
1
F
8
8
CH
×
×
π
×
=
microphone
the
of
Gain
)
R
R
R
(
)
R
R
1
(
G
2
4
4
7
8
×
+
×
+
≈



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com