Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2995 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2995
Description  Demonstration board user guidelines
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2995 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2995 Datasheet HTML 5Page - STMicroelectronics AN2995 Datasheet HTML 6Page - STMicroelectronics AN2995 Datasheet HTML 7Page - STMicroelectronics AN2995 Datasheet HTML 8Page - STMicroelectronics AN2995 Datasheet HTML 9Page - STMicroelectronics AN2995 Datasheet HTML 10Page - STMicroelectronics AN2995 Datasheet HTML 11Page - STMicroelectronics AN2995 Datasheet HTML 12Page - STMicroelectronics AN2995 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN2995
Board schematics and associated products
Doc ID 15840 Rev 1
9/13
A.2
Associated products in SOT23 or SC70 packages(c)
c.
Note that operational amplifiers in SOT23-6 or SC70-6 packages (single with standby) can be evaluated but the standby
pin is by default connected to VCC+ and cannot be changed.
Table 1.
List of operational amplifiers in SOT23 or SC70 packages
Product
SOT23-5(1)/6
1.
The SOT23-5 comes with two possible pin configurations as shown in Figure 10 on page 10.
SC70-5/6
Description
TSV611
TSV6191
TSV620
TSV621
TSV6290
TSV6291
TSV630
TSV631
TSV6390
TSV6391
TSV911
TSV991
TS507
LMV321
TSV321
TS1851
TS1871
TS321
TS461
TS931
TS941
TS951
TS971
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_b
SOT23_t
SOT23_t
SOT23_6
SOT23_t
SOT23_6
SOT23_t
SOT23_6
SOT23_b
SOT23_6
SOT23_b
SC70-5
SC70-5
SC70-6
SC70-5
SC70-6
SC70-5
SC70-6
SC70-5
SC70-6
SC70-5
11 µA, 120 kHz, RR I/O CMOS op-amp
11 µA, 450 kHz, RR I/O CMOS op-amp
29 µA, 420 kHz, RR I/O op-amp with SHDN
29 µA, 420 kHz, RR I/O CMOS op-amp
29 µA, 1.3 MHz, RR I/O op-amp with SHDN
29 µA, 1.3 MHz, RR I/O CMOS op-amp
60 µA, 880 kHz, RR I/O op-amp with SHDN
60 µA, 880 kHz, RR I/O CMOS op-amp
60 µA, 2.5 MHz, RR I/O op-amp with SHDN
60 µA, 2.5 MHz, RR I/O CMOS op-amp
RR I/O 8 MHz op-amp
RR I/O 20 MHz op-amp
High precision, RR I/O op-amp
Low-cost, low-power RR I/O op-amp
General-purpose RR I/O op-amp
1.8 V, RR I/O low-power op-amp
1.8 V, RR I/O low-power op-amp
Low-power, high-voltage op-amp
Output RR low-noise op-amp
Output RR micropower op-amp
Output RR micropower op-amp
RR I/O low-power op-amp
Output RR very low-noise op-amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com