Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2995 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2995
Description  Demonstration board user guidelines
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2995 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2995 Datasheet HTML 1Page - STMicroelectronics AN2995 Datasheet HTML 2Page - STMicroelectronics AN2995 Datasheet HTML 3Page - STMicroelectronics AN2995 Datasheet HTML 4Page - STMicroelectronics AN2995 Datasheet HTML 5Page - STMicroelectronics AN2995 Datasheet HTML 6Page - STMicroelectronics AN2995 Datasheet HTML 7Page - STMicroelectronics AN2995 Datasheet HTML 8Page - STMicroelectronics AN2995 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Board description
AN2995
2/13
Doc ID 15840 Rev 1
1
Board description
This board is designed with versatility in mind. In particular, its components allow it to be
configured as:
a low-pass Sallen-Key circuit.
a high-pass Sallen-Key circuit.
a differential amplifier.
an AC-coupled circuit.
an in-loop compensation circuit.
an out-of-loop compensation circuit.
and numerous other possible configurations not described here.
The board is designed for surface-mounted components in SOT23-5 (and SOT23-6) or
SC70-5 (SC70-6) packages. It can be used to perform on-board characterization prior to the
integration of STMicroelectronics’ products in your designs. Resistor and capacitor
footprints are implemented in the 0805 series.
A set of two decoupling capacitors have been implemented on both power supply pins so as
to benefit from the maximum performances of ST products. In order to reject a wide range of
frequencies, 100 nF and 4.7 µF are good values for these capacitors.
Figure 1.
Demonstration board schematics
Z1
Z6
Z2
Z5
Z7
Z12
Z13
Vcc+
Z4
Z9
Z8
Z3
C1
Z14
OP AMP
SHDN
C2
C3
C4
VCC+
VCC-
Vout
Vin2
Vin1
AM04501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com