Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50UD Datasheet(PDF) 1 Page - International Rectifier

Part # G4PC50UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50UD Datasheet(HTML) 1 Page - International Rectifier

  G4PC50UD Datasheet HTML 1Page - International Rectifier G4PC50UD Datasheet HTML 2Page - International Rectifier G4PC50UD Datasheet HTML 3Page - International Rectifier G4PC50UD Datasheet HTML 4Page - International Rectifier G4PC50UD Datasheet HTML 5Page - International Rectifier G4PC50UD Datasheet HTML 6Page - International Rectifier G4PC50UD Datasheet HTML 7Page - International Rectifier G4PC50UD Datasheet HTML 8Page - International Rectifier G4PC50UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRG4PC50UD
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
Features
Features
Features
Features
Features
E
G
n-ch an nel
C
VCES = 600V
VCE(on) typ. = 1.65V
@VGE = 15V, IC = 27A
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
------
------
0.64
RθJC
Junction-to-Case - Diode
------
------
0.83
°C/W
RθCS
Case-to-Sink, flat, greased surface
------
0.24
------
RθJA
Junction-to-Ambient, typical socket mount
-----
-----
40
Wt
Weight
------
6 (0.21)
------
g (oz)
Thermal Resistance
UltraFast CoPack IGBT
12/30/00
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
55
IC @ TC = 100°C
Continuous Collector Current
27
ICM
Pulsed Collector Current
Q
220
A
ILM
Clamped Inductive Load Current
R
220
IF @ TC = 100°C
Diode Continuous Forward Current
25
IFM
Diode Maximum Forward Current
220
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
200
PD @ TC = 100°C
Maximum Power Dissipation
78
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
• UltraFast: Optimized for high operating
frequencies 8-40 kHz in hard switching, >200
kHz in resonant mode
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
Generation 3
• IGBT co-packaged with HEXFREDTM ultrafast,
ultra-soft-recovery anti-parallel diodes for use in
bridge configurations
• Industry standard TO-247AC package
Benefits
• Generation 4 IGBT's offer highest efficiencies
available
• IGBT's optimized for specific application conditions
• HEXFRED diodes optimized for performance with
IGBT's . Minimized recovery characteristics require
less/no snubbing
• Designed to be a "drop-in" replacement for equivalent
industry-standard Generation 3 IR IGBT's
PD 91471B
W
TO-247AC
www.irf.com
1


Similar Part No. - G4PC50UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
G4PC50U IRF-G4PC50U Datasheet
147Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A)
More results

Similar Description - G4PC50UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4PC40F IRF-IRG4PC40F Datasheet
145Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
IRG4PC40FD IRF-IRG4PC40FD Datasheet
214Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
IRG4PC50U IRF-IRG4PC50U Datasheet
147Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A)
IRGPC40FD2 IRF-IRGPC40FD2 Datasheet
425Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=27A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com