Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50UD Datasheet(PDF) 10 Page - International Rectifier

Part # G4PC50UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50UD Datasheet(HTML) 10 Page - International Rectifier

Back Button G4PC50UD Datasheet HTML 2Page - International Rectifier G4PC50UD Datasheet HTML 3Page - International Rectifier G4PC50UD Datasheet HTML 4Page - International Rectifier G4PC50UD Datasheet HTML 5Page - International Rectifier G4PC50UD Datasheet HTML 6Page - International Rectifier G4PC50UD Datasheet HTML 7Page - International Rectifier G4PC50UD Datasheet HTML 8Page - International Rectifier G4PC50UD Datasheet HTML 9Page - International Rectifier G4PC50UD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRG4PC50UD
10
www.irf.com
D im e n s io n s in M illim eters a nd (Inches)
CO NF O RM S TO J EDEC O U TL IN E TO -2 47AC (TO -3P)
- D -
5.30 (.20 9)
4.70 (.18 5)
3.65 ( .143)
3.55 ( .140)
2.5 0 ( .089)
1.5 0 ( .059)
4
3X
0.80 ( .031)
0.40 ( .016)
2. 60 ( .102)
2. 20 ( .087)
3. 40 ( .133)
3. 00 ( .118)
3X
0.2 5 ( .010) M
C A S
4.30 ( .170)
3.70 ( .145)
- C -
2X
5.5 0 ( .217)
4.5 0 ( .177)
5.50 (.2 17)
0.25 ( .01 0)
1.40 ( .056)
1.00 ( .039)
D
M
M
B
- A -
15.90 ( .626)
15.30 ( .602)
- B -
1
23
20.30 (.800)
19.70 (.775)
14.80 (.58 3)
14.20 (.55 9)
2.40 (.094)
2.00 (.079)
2X
2X
5. 45 ( .215)
*
NOT E S:
1 DIM E NSIO NS & T O LE RANC IN G
P E R A N S I Y 14 .5M , 1 98 2 .
2 C O N T R O L L IN G D IM E N S IO N : IN C H .
3 D IM E N S IO N S A R E S H O W N
M IL LIM E T E R S (IN C H E S ).
4 C O N F O R M S T O J E D E C O U T L IN E
T O -2 4 7A C .
L EAD ASS IG NM E N TS
1 - G A T E
2 - C O L L E C T O R
3 - E M IT T E R
4 - C O L L E C T O R
* LO NGE R LEA DED (20m m )
VER SIO N AVAIL ABL E (T O -2 47 A D)
T O OR DER AD D "-E" S U F F IX
TO PAR T NUM BER
Case Outline — TO-247AC
Notes:
QRepetitive rating: VGE = 20V; pulse width limited by maximum junction temperature
(figure 20)
RVCC = 80%(VCES), VGE = 20V, L = 10µH, RG = 5.0Ω (figure 19)
SPulse width ≤ 80µs; duty factor ≤ 0.1%.
TPulse width 5.0µs, single shot.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 12/00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com