Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50W Datasheet(PDF) 8 Page - International Rectifier

Part # G4PC50W
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50W Datasheet(HTML) 8 Page - International Rectifier

  G4PC50W Datasheet HTML 1Page - International Rectifier G4PC50W Datasheet HTML 2Page - International Rectifier G4PC50W Datasheet HTML 3Page - International Rectifier G4PC50W Datasheet HTML 4Page - International Rectifier G4PC50W Datasheet HTML 5Page - International Rectifier G4PC50W Datasheet HTML 6Page - International Rectifier G4PC50W Datasheet HTML 7Page - International Rectifier G4PC50W Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRG4PC50W
8
www.irf.com
Case Outline and Dimensions — TO-247AC
D im ens io ns in M illim eters and (Inc he s )
CONFORMS TO JEDEC OUTLINE TO-247AC (TO-3P)
- D -
5 .30 ( .20 9)
4 .70 ( .18 5)
3.65 (.1 4 3 )
3.55 (.1 4 0 )
2.50 (.089)
1.50 (.059)
4
3X
0.80 (.03 1)
0.40 (.01 6)
2 .60 ( .10 2)
2 .20 ( .08 7)
3.40 (.1 3 3 )
3.00 (.1 1 8 )
3X
0.25 (.010) M
C A S
4.30 (.1 70)
3.70 (.1 45)
- C -
2X
5 .50 (.217 )
4 .50 (.177 )
5 .50 (.21 7)
0.25 (.01 0)
1.40 (.056)
1.00 (.039)
D
M
M
B
- A -
15 .9 0 (.6 26)
15 .3 0 (.6 02)
- B -
1
23
20 .30 (.8 00)
19 .70 (.7 75)
14 .8 0 (.583 )
14 .2 0 (.559 )
2.40 ( .094)
2.00 ( .079)
2X
2X
5.45 (.2 1 5 )
*
NO T ES:
1 DIM E NSIO NS & T O L E RANCING
P E R A N S I Y 14.5M , 1982.
2 CO NT R O L L IN G DIM E NSIO N : INCH.
3 D IM E N S IO N S A R E S H O W N
M ILL IM E T E R S (IN CHES ).
4 C O N F O R M S T O JE D E C O U T L IN E
T O -247A C .
L EAD ASSIG N M E NT S
1 - G A T E
2 - C O L L E C T O R
3 - E M IT T E R
4 - C O L L E C T O R
* LONG ER LEADED (20m m )
VERSIO N AVAIL ABLE ( TO - 247A D )
T O O RDER ADD "-E" SU F F IX
T O PART NUM BE R
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 6/00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com