Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50W Datasheet(PDF) 1 Page - International Rectifier

Part # G4PC50W
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50W Datasheet(HTML) 1 Page - International Rectifier

  G4PC50W Datasheet HTML 1Page - International Rectifier G4PC50W Datasheet HTML 2Page - International Rectifier G4PC50W Datasheet HTML 3Page - International Rectifier G4PC50W Datasheet HTML 4Page - International Rectifier G4PC50W Datasheet HTML 5Page - International Rectifier G4PC50W Datasheet HTML 6Page - International Rectifier G4PC50W Datasheet HTML 7Page - International Rectifier G4PC50W Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
55
IC @ TC = 100°C
Continuous Collector Current
27
A
ICM
Pulsed Collector Current
Q
220
ILM
Clamped Inductive Load Current
R
220
VGE
Gate-to-Emitter Voltage
± 20
V
EARV
Reverse Voltage Avalanche Energy
S
170
mJ
PD @ TC = 25°C
Maximum Power Dissipation
200
PD @ TC = 100°C
Maximum Power Dissipation
78
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (0.063 in. (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
IRG4PC50W
INSULATED GATE BIPOLAR TRANSISTOR
PD - 91657B
E
C
G
n-channel
TO-247AC
Features
Features
Features
Features
Features
• Designed expressly for Switch-Mode Power
Supply and PFC (power factor correction)
applications
• Industry-benchmark switching losses improve
efficiency of all power supply topologies
• 50% reduction of Eoff parameter
• Low IGBT conduction losses
• Latest-generation IGBT design and construction offers
tighter parameters distribution, exceptional reliability
• Lower switching losses allow more cost-effective
operation than power MOSFETs up to 150 kHz
("hard switched" mode)
• Of particular benefit to single-ended converters and
boost PFC topologies 150W and higher
• Low conduction losses and minimal minority-carrier
recombination make these an excellent option for
resonant mode switching as well (up to >300 kHz)
Benefits
VCES = 600V
VCE(on) max.
= 2.30V
@VGE = 15V, IC = 27A
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.64
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
40
Wt
Weight
6 (0.21)
–––
g (oz)
Thermal Resistance
Absolute Maximum Ratings
W
2/7/2000
www.irf.com
1


Similar Part No. - G4PC50W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
G4PC50F IRF-G4PC50F Datasheet
146Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
G4PC50FD IRF-G4PC50FD Datasheet
211Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
G4PC50K IRF-G4PC50K Datasheet
115Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V,Vce(on)typ.=1.84V, @Vge=15V, Ic=30A)
G4PC50U IRF-G4PC50U Datasheet
147Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A)
G4PC50UD IRF-G4PC50UD Datasheet
213Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A)
More results

Similar Description - G4PC50W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30W IRF-IRG4BC30W Datasheet
139Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
IRG4BC40F IRF-IRG4BC40F Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC30W IRF-IRG4PC30W Datasheet
123Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
IRG4PC40F IRF-IRG4PC40F Datasheet
145Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
IRG4PC50U IRF-IRG4PC50U Datasheet
147Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A)
IRGBC40F IRF-IRGBC40F Datasheet
248Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=27A)
IRGPC40F IRF-IRGPC40F Datasheet
250Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=27A)
IRG4BC30W IRF-IRG4BC30W_04 Datasheet
582Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com