Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4071 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 9Page - STMicroelectronics AN4071 Datasheet HTML 10Page - STMicroelectronics AN4071 Datasheet HTML 11Page - STMicroelectronics AN4071 Datasheet HTML 12Page - STMicroelectronics AN4071 Datasheet HTML 13Page - STMicroelectronics AN4071 Datasheet HTML 14Page - STMicroelectronics AN4071 Datasheet HTML 15Page - STMicroelectronics AN4071 Datasheet HTML 16Page - STMicroelectronics AN4071 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN4071
Datasheet parameters
Doc ID 022939 Rev 1
13/27
The input signal is referenced to VICM + VTRIP and not only to VICM because, in the case of
small signal overdrive, an error in TPD measurement can occur due to non-zero VIO (VTRIP+
and/or VTRIP- <> 0). In reality, we can neglect VIO without significant impact on TPD for VOV
values of 20 mV and higher, considering that the offset value reaches around 1 mV and
considering the exponential dependency of TPD on overdrive voltage, as shown in
Figure 14.
Figure 14.
TS3011 TPD vs. overdrive voltage
Figure 15.
TS3011 TPD vs. input common mode voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com