Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4071 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 19Page - STMicroelectronics AN4071 Datasheet HTML 20Page - STMicroelectronics AN4071 Datasheet HTML 21Page - STMicroelectronics AN4071 Datasheet HTML 22Page - STMicroelectronics AN4071 Datasheet HTML 23Page - STMicroelectronics AN4071 Datasheet HTML 24Page - STMicroelectronics AN4071 Datasheet HTML 25Page - STMicroelectronics AN4071 Datasheet HTML 26Page - STMicroelectronics AN4071 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AN4071
Relaxation oscillator
Doc ID 022939 Rev 1
23/27
2.
While C1 is discharging: VC1(t) = VHIGH • e
-t/
τ
= 2/3
• VCC • e -t/τ
Capacitor C1 is discharged at voltage VLOW after time t2:
Equation 11
VLOW = 2/3 • VCC • e
-t2/
τ
1/3
• VCC = 2/3 • VCC • e-t2/τ
1 = 2
• e-t2/τ
-t2/τ = ln (1/2)
t2 = τ • ln (2)
Because t1 = t2, the output square signal has 50% duty cycle. The output signal period T is
the sum of the time t1 and the time t2:
T = t1 + t2= τ • ln (4), where τ = R1 • C1
In the configuration described in Figure 11, the output frequency is around 72 kHz.
Output frequency doesn't depend on the power supply voltage. As the TS3021 circuit can
work with a wide power supply voltage range from 1.8 V to 5 V, the output signal amplitude
has the same value as the power supply due to its rail-to-rail output stage. Frequency can be
adjusted simply by changing the value of R1 or C1. In case a different duty cycle is required,
R2, R3 and R4 should not be kept equal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com