Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4587 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4587
Description  Input bias current of a chopper amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4587 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4587 Datasheet HTML 5Page - STMicroelectronics AN4587 Datasheet HTML 6Page - STMicroelectronics AN4587 Datasheet HTML 7Page - STMicroelectronics AN4587 Datasheet HTML 8Page - STMicroelectronics AN4587 Datasheet HTML 9Page - STMicroelectronics AN4587 Datasheet HTML 10Page - STMicroelectronics AN4587 Datasheet HTML 11Page - STMicroelectronics AN4587 Datasheet HTML 12Page - STMicroelectronics AN4587 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID026923 Rev 1
9/14
AN4587
Inpact of input current spikes on real applications
14
Table 1 summarizes the amplitude of the Iib spikes considering different input impedances
seen by the input pin of the TSZ121. These values are calculated from simulations.
We can observe that the higher the impedance on the input pin of the TSZ121, the lower the
Iib spikes. Actually, these current spikes follow an internal path with lower impedance.
This means that the spikes generated by a chopper op amp should not disturb a high
impedance sensor.
2.2
Filter input current spikes thanks to a common mode
capacitor
The TSZ121 should not necessarily be used with a high impedance sensor which naturally
smooths the Iib spikes.
In the case of a low impedance sensor, it may be interesting to filter the input current spikes
by using a common mode capacitor as shown in Figure 17.
Figure 15. Rin_load = 100 kΩ
Figure 16. Rin_load = 1 MΩ
Table 1. Iib spike amplitude vs. Rin_load
Rin_load
0 Ω
1 kΩ
10 kΩ
100 kΩ
1 MΩ
Amplitude Iib spike
4.5 μA
1.15 μA
125 nA
13 nA
1.5 nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com