Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4587 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4587
Description  Input bias current of a chopper amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4587 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4587 Datasheet HTML 6Page - STMicroelectronics AN4587 Datasheet HTML 7Page - STMicroelectronics AN4587 Datasheet HTML 8Page - STMicroelectronics AN4587 Datasheet HTML 9Page - STMicroelectronics AN4587 Datasheet HTML 10Page - STMicroelectronics AN4587 Datasheet HTML 11Page - STMicroelectronics AN4587 Datasheet HTML 12Page - STMicroelectronics AN4587 Datasheet HTML 13Page - STMicroelectronics AN4587 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID026923 Rev 1
11/14
AN4587
Inpact of input current spikes on real applications
14
Equation 6
In addition to the pole of Equation 6, we have to consider the low frequency pole of the open
loop transfer function of the operational amplifier as shown in Equation 7.
Equation 7
The bode diagram of this system can be plotted as shown in Figure 20.
Figure 20. Bode diagram of the open loop transfer function
To guaranty the stability of the system, the bode diagram must cross the X-axis with a slope
of -20 dB/decade.
So, considering Figure 20 and to ensure stability, the gain at frequency fp, must be lower
than 1 (see Equation 8).
Equation 8
fp
1
2
π
Rf
Rg
⋅
Rf Rg
+
---------------------
Cg
⋅⋅
---------------------------------------------------
=
(6)
fop
GBP
Avd
-------------
=
(7)
GBP
2
π Cg
Rf
Rg
2
⋅
Rf Rg
+
()
2
----------------------------
⋅⋅
⋅
1
<
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com