Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4RC10SD Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4RC10SD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10SD Datasheet(HTML) 1 Page - International Rectifier

  IRG4RC10SD Datasheet HTML 1Page - International Rectifier IRG4RC10SD Datasheet HTML 2Page - International Rectifier IRG4RC10SD Datasheet HTML 3Page - International Rectifier IRG4RC10SD Datasheet HTML 4Page - International Rectifier IRG4RC10SD Datasheet HTML 5Page - International Rectifier IRG4RC10SD Datasheet HTML 6Page - International Rectifier IRG4RC10SD Datasheet HTML 7Page - International Rectifier IRG4RC10SD Datasheet HTML 8Page - International Rectifier IRG4RC10SD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRG4RC10SD
12/30/00
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
Features
E
G
n-ch an nel
C
VCES = 600V
VCE(on) typ. = 1.10V
@VGE = 15V, IC = 2.0A
Standard Speed CoPack
IGBT
• Extremely low voltage drop 1.1V(typ) @ 2A
• S-Series: Minimizes power dissipation at up to 3
KHz PWM frequency in inverter drives, up to 4
KHz in brushless DC drives.
• Tight parameter distribution
• IGBT co-packaged with HEXFREDTM ultrafast,
ultra-soft-recovery anti-parallel diodes for use
in bridge configurations
• Industry standard TO-252AA package
Benefits
• Generation 4 IGBT's offer highest efficiencies
available
• IGBT's optimized for specific application conditions
• HEXFRED diodes optimized for performance with
IGBT's . Minimized recovery characteristics require
less/no snubbing
• Lower losses than MOSFET's conduction and
Diode losses
D-PAK
TO-252AA
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
14
IC @ TC = 100°C
Continuous Collector Current
8.0
ICM
Pulsed Collector Current
Q
18
A
ILM
Clamped Inductive Load Current
R
18
IF @ TC = 100°C
Diode Continuous Forward Current
4.0
IFM
Diode Maximum Forward Current
16
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
38
PD @ TC = 100°C
Maximum Power Dissipation
15
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
W
Absolute Maximum Ratings
Thermal Resistance
°C/W
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
–––
3.3
RθJC
Junction-to-Case - Diode
–––
7.0
RθJA
Junction-to-Ambient (PCB mount)*
–––
50
Wt
Weight
0.3 (0.01)
–––
g (oz)
* When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to application note #AN-994
2,'$%&)
www.irf.com
1


Similar Part No. - IRG4RC10SD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10SDPBF IRF-IRG4RC10SDPBF Datasheet
353Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10SDPBF IRF-IRG4RC10SDPBF Datasheet
353Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10SDPBF IRF-IRG4RC10SDPBF_15 Datasheet
353Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4RC10SD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10S IRF-IRG4BC10S Datasheet
157Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.1.10V, @Vge=15V, Ic=2.0A)
IRG4BC10SD-S IRF-IRG4BC10SD-S Datasheet
217Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4BC15MD IRF-IRG4BC15MD Datasheet
256Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.88V, @Vge=15V, Ic=8.6A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC30UD IRF-IRG4BC30UD Datasheet
234Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4PC30KD IRF-IRG4PC30KD Datasheet
178Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
IRG4RC10S IRF-IRG4RC10S Datasheet
120Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, IC=2.0A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com