Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF1320N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF1320N
Description  N-Channel Enhancement Elektronische Bauelemente Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF1320N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF1320N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF1320N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF1320N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF1320N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSF1320N
2A , 20V , RDS(ON) 58 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
28-Aug-2012 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to provide low
RDS(ON) and to ensure minimal power loss and heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Low gate charge
Fast switch
Miniature SOT-323 surface mount package saves
board space.
APPLICATION
DC-DC converters and power management in
portable and battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
1
TA=25°C
ID
2
A
TA=70°C
1.7
A
Pulsed Drain Current
2
IDM
±20
A
Continuous Source Current (Diode Conduction)
1
IS
1.6
A
Power Dissipation
1
TA=25°C
PD
0.34
W
TA=70°C
0.22
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Ratings
Maximum Junction to Ambient
1
t ≦ 5 sec
RθJA
100
°C / W
Steady State
166
Notes:
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
SOT-323
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.1 REF.
B
1.80
2.45
H
0.525 REF.
C
1.1
1.4
J
0.08
0.25
D
0.80
1.10
K
0.8 TYP.
E
1.20
1.40
L
0.65 TYP.
F
0.15
0.40
1
2
3


Similar Part No. - SSF1320N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSF1320N SECOS-SSF1320N Datasheet
399Kb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - SSF1320N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
Elektronische Bauelemente
SID9575 SECOS-SID9575_15 Datasheet
1Mb / 4P
P-Channel Enhancement Elektronische Bauelemente Mode Power MOSFET
SMG2307PE SECOS-SMG2307PE_15 Datasheet
473Kb / 4P
P-Channel Elektronische Bauelemente Enhancement MOSFET
SSD25N10 SECOS-SSD25N10_15 Datasheet
417Kb / 4P
N-Ch Enhancement Elektronische Bauelemente Mode Power MOSFET
SMS2321 SECOS-SMS2321 Datasheet
223Kb / 3P
P-Channel Elektronische Bauelemente Enhancement MOSFET
SSA55H12J SECOS-SSA55H12J Datasheet
274Kb / 3P
N-Ch Enhancement Elektronische Bauelemente Mode Power MOSFET
SSG9435J-C SECOS-SSG9435J-C Datasheet
356Kb / 4P
P-Ch Enhancement Elektronische Bauelemente Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com