Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF1320N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF1320N
Description  N-Channel Enhancement Elektronische Bauelemente Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF1320N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF1320N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF1320N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF1320N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF1320N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSF1320N
2A , 20V , RDS(ON) 58 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
28-Aug-2012 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Gate-Threshold Voltage
VGS(th)
0.7
-
-
V
VDS=VGS, ID=250uA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS=0, VGS= ±8V
Zero Gate Voltage Drain Current
IDSS
-
-
1
uA
VDS=16V, VGS=0
-
-
10
VDS=16V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(on)
10
-
-
A
VDS =5V, VGS=4.5V
Drain-Source On-Resistance
1
RDS(ON)
-
-
58
m
VGS=4.5V, ID=2A
-
-
82
VGS=2.5V, ID=1.7A
Forward Transconductance
1
gfs
-
11.3
-
S
VDS=10V, ID=2A
Diode Forward Voltage
VSD
-
0.75
-
V
IS=1.6A, VGS=0
Dynamic
2
Input Capacitance
Ciss
-
720
-
pF
VDS=15V,
VGS=0,
f=1 MHz
Output Capacitance
Coss
-
165
-
Reverse Transfer Capacitance
Crss
-
60
-
Total Gate Charge
Qg
-
7.5
-
nC
VDS=10V,
VGS=4.5V,
ID=2A
Gate-Source Charge
Qgs
-
0.6
-
Gate-Drain Charge
Qgd
-
1
-
Turn-on Delay Time
Td(on)
-
8
-
nS
VDD=10V,
VGEN=4.5V,
RL=15 ,
ID=1A
Rise Time
Tr
-
24
-
Turn-off Delay Time
Td(off)
-
35
-
Fall Time
Tf
-
10
-
Notes:
1
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com