Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1313 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1313
Description  Porting an application from the ST10F168 to the ST10F269
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1313 Datasheet HTML 3Page - STMicroelectronics AN1313 Datasheet HTML 4Page - STMicroelectronics AN1313 Datasheet HTML 5Page - STMicroelectronics AN1313 Datasheet HTML 6Page - STMicroelectronics AN1313 Datasheet HTML 7Page - STMicroelectronics AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics AN1313 Datasheet HTML 10Page - STMicroelectronics AN1313 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN1313 - APPLICATION NOTE
7/16
2.4 - A/D Converter
The A/D Converter of the ST10F269 is based upon a Resistor-Capacitor circuitry while the ST10F168
one is based upon fully switched capacitors. The ST10F269 does not have the self-calibrated feature, but
the guaranteed Total Unadjusted Error is ± 2 LSB.
2.4.1 - Hardware Impacts
The table below lists the differences in the DC characteristics of the two devices.
2.4.2 - Software Impacts
None.
Table 2 : ADC differences
Parameter
Symbol
Limit values for ST10F168
Limit values for ST10F269
Unit
Minimum
Maximum
Minimum
Maximum
Analog Reference voltage
VAREF
4.0
VDD + 0.1
4.0
VDD + 0.1
V
Analog Input Voltage
VAIN
VAGND
VAREF
VAGND
VAREF
V
ADC Input capacitance
Not sampling
Sampling
CAIN
-
-
33
33
-
-
10
15
pF
pF
Sample time
tS
-2 tSC
2 tCC
16 tCC
Conversion time
tC
-14 tCC + tS + 4 TCL
-
14 tCC + tS + 4 TCL
Total Unadjusted Error
TUE
-2.0
+2.0
-2.0
+2.0
LSB
Internal resistance of analog
source
RASRC
-tS[ns]/330 - 0.25
tS[ns]/150 - 0.25
k
Ω
Reference supply current
running mode
power-down mode
IAREF
-
-
500
1
µA
µA
Differential Nonlinearity
DNL
-0.5
+0.5
LSB
Integral Nonlinearity
INL
-1.5
+1.5
LSB
Offset Error
OFS
-1.0
+1.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com