Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1313 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1313
Description  Porting an application from the ST10F168 to the ST10F269
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1313 Datasheet HTML 1Page - STMicroelectronics AN1313 Datasheet HTML 2Page - STMicroelectronics AN1313 Datasheet HTML 3Page - STMicroelectronics AN1313 Datasheet HTML 4Page - STMicroelectronics AN1313 Datasheet HTML 5Page - STMicroelectronics AN1313 Datasheet HTML 6Page - STMicroelectronics AN1313 Datasheet HTML 7Page - STMicroelectronics AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN1313 - APPLICATION NOTE
5/16
2.
Configuration 2: external memory exists in page 3 and is below 2K Byte size.
Impact: one register to configure, the external memory has to be remapped within page 3.
Work-around: Set the bit XRAM2EN and clear the bit XRAM1EN of XPERCON new register. Then
remap your variables to uses the XRAM2 range as your XRAM (bigger than the ST10F168 so no
issue) and remap your 2K Byte range of external memory at the XRAM1 location. This way you keep
everything within page 3.
3.
Configuration 3: external memory exists in page 3 and is above 2K Byte size.
Impact: one register to configure, the external memory to be remapped in another page.
Work-around: Set the bit XRAM2EN of the XPERCON new register and relocate your external
memory in page 2 (address range 0x8000 - 0xBFFF) if possible. Then change the link directives
according to the new mapping.
Note:
The setting of the bits in XPERCON must be done before enabling the XBus Peripherals by the
XPEN bit of SYSCON.
2.3 - Flash EEPROM
The ST10F168 and the ST10F269 don’t have the same Flash memories. The embedded Flash of the
ST10F269 has a technology really similar to the stand-alone Flash memories of STMicroelectronics.
2.3.1 - Hardware Impacts
The 12 Volts input on pin 84 is no longer needed.
2.3.2 - Software Impacts
The mapping of the application and the programming and erasing routines are impacted.
ST10F168 bank 0: this range is fully compatible with the block 0 of the ST10F269.
ST10F168 bank 1: this range is now covered by the blocks 1, 2 and 3 of the ST10F269. It is not
mandatory to re-map Code and Data: these 3 blocks could be considered as a single range.
ST10F168 bank 2 and bank 3: The highest third of bank 2 and the lowest third of bank 3 correspond to
the block 5 of the ST10F269. Code and Data have to be remapped to take care of this separation in three
ranges of 64K Bytes if these banks were likely to be independently reprogrammed.
The programming-erasing software must also be rewritten as the ST10F269 does not work with the
STEAKTM but with a Write/Erase Controller.
Table 1 : Flash Memories Key Characteristics
ST10F168
ST10F269
Flash Size
256K Bytes
256K Bytes
Flash Organization
4 banks
7 blocks
Programming voltage
12 Volts
5 Volts
Programming method
STEAKTM
Write/Erase Controller
Program/Erase cycles
10 000, 20 years of data retention
100.000,
10 years of data retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com