Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1596 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1596
Description  Today?셲 automotive market requires a continuous increasing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1596 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1596 Datasheet HTML 9Page - STMicroelectronics AN1596 Datasheet HTML 10Page - STMicroelectronics AN1596 Datasheet HTML 11Page - STMicroelectronics AN1596 Datasheet HTML 12Page - STMicroelectronics AN1596 Datasheet HTML 13Page - STMicroelectronics AN1596 Datasheet HTML 14Page - STMicroelectronics AN1596 Datasheet HTML 15Page - STMicroelectronics AN1596 Datasheet HTML 16Page - STMicroelectronics AN1596 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/24
AN1596 - APPLICATION NOTE
voltage can go low and signaling an open load condition (we remind that in ON state the status signal has
a maximum delay of 200
µs).
- Analog HSDs
In the previous chapter the current sense feature in M0-3 HSDs has been shown; this is active during the
ON state only (INPUT=high) whilst in the OFF phase (INPUT=low) the current sense circuit is inactivated.
This means that it is possible to detect an open load in ON state fault but not during OFF state. Two
possible solutions can be thought of:
Solution 1: external comparator (see figure 15). Each load is connected to a pull up resistor supplied by
the VCC line through the network made of T1 and T2. The external comparator is needed to detect the
voltage drop across the load and to compare it to a reference voltage (Vref in the scheme). If an open load
event occurs, the output pin voltage is pulled up to the VCC value and the comparator provides the micro-
controller with the fault signal. As seen for digital HSDs, the pull up disable network is supplied when the
ignition key is in, but the car is off.
Solution 2: two additional signal bipolar transistor T3 and T4 can be used (see figure 16). The emitter of
the T4 transistor (PNP type) is connected to a positive 5V line, and its base is connected to the HSD input
line. This means that T4 is off when the HSD is on whilst it is on when the HSD is off. T3 (NPN type)
collector is connected to the T4 one while T3 base to the output pin. T3 doesn’t conduct until the output
voltage (referred to ground) reaches its threshold value (VBE). This is the case of normal condition in
which the voltage drop on the load is almost zero.
When an open load fault occurs, the voltage on the input pin rises to the VCC value. In this condition T3
conducts and a voltage of about 5V appears on the sense pin. Therefore the micro-controller will detect
the open load fault in OFF mode.
Figure 15: Open load cicuitry for analog HSDs (OFF state) with an external comparator
Pull up disable
Vcc
SENSE
INPUT
4 Channels HSD
T1
T2
+V ref.
µ C
Loads
DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com