Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1596 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1596
Description  Today?셲 automotive market requires a continuous increasing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1596 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1596 Datasheet HTML 16Page - STMicroelectronics AN1596 Datasheet HTML 17Page - STMicroelectronics AN1596 Datasheet HTML 18Page - STMicroelectronics AN1596 Datasheet HTML 19Page - STMicroelectronics AN1596 Datasheet HTML 20Page - STMicroelectronics AN1596 Datasheet HTML 21Page - STMicroelectronics AN1596 Datasheet HTML 22Page - STMicroelectronics AN1596 Datasheet HTML 23Page - STMicroelectronics AN1596 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21/24
AN1596 - APPLICATION NOTE
APPENDIX
Symptom
Component
Schematic
Notes
1)
Input and
Status pins
R1, R2, Rpu
R1, R2 and Rpu chosen in
order to limit the control pins
currents to 10mA.
R1 and R2 must protect the
microcontroller against the
latch-up (see point 6, 7).
2)
Off-State open
load detection
in digital HSDs
(case 1)
Rpu
Choose Rpu in order not to
have
false
open
load
detection:
VOUT=(Vpu/(RL+Rpu))•
RL<VOLmin
Choose
Rpu
to
assure
detection
when
load
is
disconnected:
Rpu<(Vpu–VOLmax)/IL(off2)
VOLmin, VOLmax, IL(off2) are
given in datasheets.
3)
Off-State open
load detection
in digital HSDs
(case 2)
Rpu, R1, R2,
T1, T2
To
minimize
power
consumption,
the
microcontroller
can
periodically switch on T1
and T2 when the ignition key
is inserted.
DRIVER
+
LOGIC
INPUT
STATUS
VCC
V
OUT
R1
R2
GND
+ 5V
Rpu
LOAD
V OL
Vpu
R pu
RL
10k
Ω
DRIVER
+
LOGIC
+
-
INPUT
STATUS
VOUT
GROUND
VCC
IL(off2)
VOL
V CC.
Vpu
R pu
RL
10k
Ω
DRIVER
+
LOGIC
+
-
INPUT
STATUS
V CC
VOUT
GROUND
T1
T2
µ P
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com