Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2061 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2061
Description  External EEPROMs are often used in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2061 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2061 Datasheet HTML 7Page - STMicroelectronics AN2061 Datasheet HTML 8Page - STMicroelectronics AN2061 Datasheet HTML 9Page - STMicroelectronics AN2061 Datasheet HTML 10Page - STMicroelectronics AN2061 Datasheet HTML 11Page - STMicroelectronics AN2061 Datasheet HTML 12Page - STMicroelectronics AN2061 Datasheet HTML 13Page - STMicroelectronics AN2061 Datasheet HTML 14Page - STMicroelectronics AN2061 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
AN2061
4.3 Field Reprogramming with ST10F2xx
Flash programming/reprogramming in the field, requires to be able to deal safely with all the
possible events that may occur in the application.
This analysis is application dependent and has to be carefully conducted by the user. This sec-
tion assumes that users have experience with all the generic aspects of field reprogramming
and will focus only on ST10F2xx specific events.
4.3.1 Field events and Flash reliability
User’s applications must meet ST’s recommendations for Flash programming and erasing.
Failure to do so, could result in lower data retention and/or altered Flash reliability. The condi-
tions leading to an altered data retention or to an altered reliability depend on the command
issued to the Flash and the event that occurred during this command (supply out of range, re-
set).
From FMEA’s perspective, customers should consider that when ST advice are not imple-
mented, Flash reliability can be altered. When ST advice are implemented and provided all
field specific events are within ST recommendations (see hereafter), the Flash will meet ST
published specification.
4.3.2 List of Events and Suggested Handling Methods
4.3.2.1 Reset
Reset is one of the events possible during field reprogramming, whatever the possible causes
of reset (spurious reset, external hardware reset, reset due to power-shut down).
Detection Method:
Reset can occur at any time and there is no possibility to prevent this.
Suggested Handling Method:
Restart the Flash command that was interrupted (i.e.: erasing or programming); use status bits
and Flash information to recognize this event.
4.3.2.2 Supply variations
ST10 supply must be kept within the limits published in the Data Sheet during any erase or
programming command.
Detection method:
A specific hardware should be added to monitor the supply and reset the ST10F2xx device
when the supply is going out of the functional specification.
Suggested Handling Method:
Restart the whole Flash command (i.e.: erasing or programming).
Note: As for any other parameter, the ST10 supply should stay within the maximum absolute
ratings defined in the published Data Sheet.
4.3.2.3 Temperature out of specification
Temperature during erasing, programming and read / fetch operations is influencing the reli-
ability of the embedded-Flash.
The embedded-Flash must be programmed and erased only while the junction temperature is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com