Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2061 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2061
Description  External EEPROMs are often used in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2061 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2061 Datasheet HTML 1Page - STMicroelectronics AN2061 Datasheet HTML 2Page - STMicroelectronics AN2061 Datasheet HTML 3Page - STMicroelectronics AN2061 Datasheet HTML 4Page - STMicroelectronics AN2061 Datasheet HTML 5Page - STMicroelectronics AN2061 Datasheet HTML 6Page - STMicroelectronics AN2061 Datasheet HTML 7Page - STMicroelectronics AN2061 Datasheet HTML 8Page - STMicroelectronics AN2061 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
AN2061
the erase process (ex: reset) should be considered when designing the Flash management
software. This means that to design a robust Flash management software it is necessary to
have a deep understanding of the Flash erase process.
The Flash erase process is split in 3 phases:
– phase1: write all bits to 0, starting from the initial content. Interrupt during this phase will re-
sult in more memory cells with a “0” logic level; the content after interrupt in phase1 depends
on the Flash initial content.
– phase2: write all bits to 1, starting from the all “0” configuration. The longer the time before
this phase is interrupted, the higher number of cells will return a “1” logic level. The content
after interrupt in this phase does not depend on the Flash initial content; the content after
phase2 interrupt, shall be regarded as a totally random content.
– phase3: equalization. This phase is necessary to recover over-erased cells. The Flash man-
agement software for EEPROM emulation should guarantee that this phase was success-
fully completed before programming in this bank.
The consequence of interrupt during phase2 is that a single bit approach should be avoided
to flag the completion of the erasing process (see more details in Section 3.5 ‘Data-set status
bits’ on page 7).
The consequence of interrupt during phase1 and/or phase2 is that it is recommended to have
fixed data inside the emulated EEPROM so that checksum can be run to tell which Flash bank
keeps the valid data.
The most important point is to ensure that the Flash has been completely erased (phase3 was
not interrupted) before programming data inside a bank.
Note: the design of Flash software management is easier if programming in a new bank is al-
ways made just after erasing of this bank (when erasing of one bank is necessary).
2.4 Additional information on Flash
Incremental programming: the Flash controller will accept to program a word that is already
programmed if the new word is adding more “0” bits.
Programming completion: programming completion is important to guarantee data retention
time; the programming is complete when the Flash controller status indicates the end of pro-
gramming without showing any error flag. If programming is interrupted (ex: supply fail, CPU
reset), the cells of the word being programmed will be partially programmed. This can result in
unstable “0”s when reading this word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com