Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2341 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2341
Description  Programming ST10F27x/F25x CAN interrupt drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2341 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2341 Datasheet HTML 10Page - STMicroelectronics AN2341 Datasheet HTML 11Page - STMicroelectronics AN2341 Datasheet HTML 12Page - STMicroelectronics AN2341 Datasheet HTML 13Page - STMicroelectronics AN2341 Datasheet HTML 14Page - STMicroelectronics AN2341 Datasheet HTML 15Page - STMicroelectronics AN2341 Datasheet HTML 16Page - STMicroelectronics AN2341 Datasheet HTML 17Page - STMicroelectronics AN2341 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Register description
AN2341
14/26
Appendix A
Register description
A.1
Global interrupt control registers
XP0IC (F186h / C3h)
ESFR
Reset Value: --00h
15
14
13
12
11
10
98
765
43
210
-
-
-
-
-
-
-
-
XP0IR XP0IE
ILVL
GLVL
RW
RW
RW
RW
XP1IC (F18Eh / C7h)
ESFR
Reset Value: - - 00h
15
14
13
12
11
10
98
765
43
210
--
---
--
-
XP1IR XP1IE
ILVL
GLVL
RW
RW
RW
RW
XP3IC (F19Eh / CFh)
ESFR
Reset Value: - - 00h
15
14
13
12
11
10
98
765
43
210
-
-
-
-
-
-
-
-
XP3IR XP3IE
ILVL
GLVL
RW
RW
RW
RW
XIR0SEL (EB10h)
XBUS
Reset Value: 0000h
15
14
13
12
11
10
98
765
43
210
IE.7
IE.6
IE.5
IE.4
IE.3
IE.2
IE.1
IE.0
FL.7
FL.6
FL.5
FL.4
FL.3
FL.2
FL.1
FL.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 1.
XIR0SEL register
Bit
Function
FL.0
Interrupt flag 0: CAN1 interrupt
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.1
Interrupt flag 1: I2C transmit
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.2
Interrupt flag 2: I2C receive
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.3
Interrupt flag 0: XSSC transmit
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.4
Interrupt flag 4: XSSC receive
‘0’: No interrupt request.
‘1’: Interrupt request pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com