Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2341 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2341
Description  Programming ST10F27x/F25x CAN interrupt drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2341 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2341 Datasheet HTML 18Page - STMicroelectronics AN2341 Datasheet HTML 19Page - STMicroelectronics AN2341 Datasheet HTML 20Page - STMicroelectronics AN2341 Datasheet HTML 21Page - STMicroelectronics AN2341 Datasheet HTML 22Page - STMicroelectronics AN2341 Datasheet HTML 23Page - STMicroelectronics AN2341 Datasheet HTML 24Page - STMicroelectronics AN2341 Datasheet HTML 25Page - STMicroelectronics AN2341 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AN2341
Message object register definition
23/26
#define CAN_ND1
0x0048 // 0x0090 New Data 1 Register
#define CAN_ND2
0x0049 // 0x0092 New Data 2 Register
#define CAN_IP1
0x0050 // 0x00A0 Interrupt Pending 1 Register
#define CAN_IP2
0x0051 // 0x00A0 Interrupt Pending 1 Register
#define CAN_MV1
0x0058 // 0x00B0 Message Valid 1 Register
#define CAN_MV2
0x0059 // 0x00B2 Message Valid 2 Register
// Control Register Bits
#define INIT
0x0001 // Initialization Enable
#define IE
0x0002 // Interrupt Enable
#define SIE
0x0004 // Status Interrupt Enable
#define EIE
0x0008 // Error Interrupt Enable
#define DAR
0x0020 // Disable Auto Retransmission
#define CCE
0x0040 // Configuration Change Enable
#define TST
0x0080 // Test Mode
// Status Register Bits
#define TXOK
0x0008 // Message Transmitted OK
#define RXOK
0x0010 // Message Received OK
#define EPASS
0x0020 // Error Passive
#define EWRN
0x0040 // Error Warning
#define BOFF
0x0080 // Buss Off
// Interrupt Register Bits
#define RP
0x8000 // Receive Error Passive
// Command Register Bits
#define IF_BUSY
0x8000
// Command Mask Register Bits
#define IF_DATA_B
0x0001
#define IF_DATA_A
0x0002
#define IF_TXR_ND
0x0004
#define IF_CLR_IP
0x0008
#define IF_CNTRL
0x0010
#define IF_ARB
0x0020
#define IF_MASK
0x0040
#define IF_WRRD
0x0080
// Mask Register Bits
#define IF_MXTD
0x8000
#define IF_MDIR
0x4000
// Arbitration Register Bits
#define IF_MSGVAL
0x8000
#define IF_XTD
0x4000
#define IF_DIR
0x2000
// Message Control Register Bits
#define IF_NEWDAT
0x8000
#define IF_MSGLST
0x4000
#define IF_INTPND
0x2000
#define IF_UMASK
0x1000
#define IF_TXIE
0x0800
#define IF_RXIE
0x0400
#define IF_RMTEN
0x0200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com