Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2612 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2612
Description  Single 5-V DC power supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2612 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2612 Datasheet HTML 17Page - STMicroelectronics AN2612 Datasheet HTML 18Page - STMicroelectronics AN2612 Datasheet HTML 19Page - STMicroelectronics AN2612 Datasheet HTML 20Page - STMicroelectronics AN2612 Datasheet HTML 21Page - STMicroelectronics AN2612 Datasheet HTML 22Page - STMicroelectronics AN2612 Datasheet HTML 23Page - STMicroelectronics AN2612 Datasheet HTML 24Page - STMicroelectronics AN2612 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN2612
Audio performance testing of the board
21/28
4.3
Test result with STM529AD (STM analog dongle)
Figure 21.
FFT 2.36-V, 1-kHz input from STM529AD, 1-Vpp line out
Minimum SNR = 73 dB (A weighting)
Caution:
The maximum input level for STM529AD is 2.36 V RMS.
Input signal Vrm s=2.36v (m ax)
Line out Vpp=1v
SNR=73dB(A weighting),(600ohm s)
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com