Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2612 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2612
Description  Single 5-V DC power supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2612 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2612 Datasheet HTML 19Page - STMicroelectronics AN2612 Datasheet HTML 20Page - STMicroelectronics AN2612 Datasheet HTML 21Page - STMicroelectronics AN2612 Datasheet HTML 22Page - STMicroelectronics AN2612 Datasheet HTML 23Page - STMicroelectronics AN2612 Datasheet HTML 24Page - STMicroelectronics AN2612 Datasheet HTML 25Page - STMicroelectronics AN2612 Datasheet HTML 26Page - STMicroelectronics AN2612 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AN2612
Appendix
23/28
5
Appendix
5.1
Overview of BT-STA2416C2 module
Figure 24.
BT-STA2426C2 module
The BT-STA2416C2 module is based on two ICs:
–
STA2416 host controller
–
STLC2150 RF
Information for the STMicroelectronics ICs.
"
Supported interfaces:
–
USB (1.1)
–UART
–
PCM (pulse code modulation)
"
Output power level: Class 2 (max +4 dBm)
"
Bluetooth® technology protocol layer support up to HCI
"
ACL & SCO links
"
Transmission rate up to 721 kbit/s
"
Optimized link manager and control
"
Support WLAN coexistence
"
Integrated 4-Mbit flash, 64-Kbyte RAM, 4-Kbyte ROM
"
Single 3.3-V power supply
"
Low power consumption
"
CE compliant
"
Safety EN60950-1 (2001)
"
EMC EN301 489 17V1.2.1
"
Radio ES 300 328 V1.6
"
BQB: RF - HCI - LM - BB
Host
ctrl.
STA2416
RF Front-
end
STLC2150
RF
link
30 mm
BT-STA2416C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com