Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2871 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 9Page - STMicroelectronics AN2871 Datasheet HTML 10Page - STMicroelectronics AN2871 Datasheet HTML 11Page - STMicroelectronics AN2871 Datasheet HTML 12Page - STMicroelectronics AN2871 Datasheet HTML 13Page - STMicroelectronics AN2871 Datasheet HTML 14Page - STMicroelectronics AN2871 Datasheet HTML 15Page - STMicroelectronics AN2871 Datasheet HTML 16Page - STMicroelectronics AN2871 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AN2871
On-chip voltage regulator (VREG)
Doc ID 15304 Rev 3
13/25
The PLL has the following major features:
Input clock frequency from an 4 MHz to 40 MHz
Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz
Reduced frequency divider (RFD) for reduced frequency operation without forcing the
PLL to relock
Frequency-modulated PLL
Modulation enabled/disabled through software
Triangle wave modulation
Programmable modulation depth (±0.25% to ±4% deviation from center frequency)
Programmable modulation frequency dependent on reference frequency
Self-clocked mode (SCM) operation
Input supply same as core supply: 1.2 V
FMPLL supply is shorted with core, without impact on jitter.
At least a couple of 470 pF and 440 nF ceramic capacitors should be placed between the
VDD_LV_COR3/VSS_LV_COR3 pair (VDD_LV_COR0/VSS_LV_COR0 for SPC560P40xx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com