Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2871 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 17Page - STMicroelectronics AN2871 Datasheet HTML 18Page - STMicroelectronics AN2871 Datasheet HTML 19Page - STMicroelectronics AN2871 Datasheet HTML 20Page - STMicroelectronics AN2871 Datasheet HTML 21Page - STMicroelectronics AN2871 Datasheet HTML 22Page - STMicroelectronics AN2871 Datasheet HTML 23Page - STMicroelectronics AN2871 Datasheet HTML 24Page - STMicroelectronics AN2871 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AN2871
Supply pins and decoupling
Doc ID 15304 Rev 3
21/25
4.1.4
Summary
Figure 8 summarizes the SPC560Pxx device decoupling requirements (please refer to
Table 7 for descriptions of the supply/ground reference lines).
Figure 8.
Pin supply circuits
1.
The microcontroller can have more than one pin of this type. A couple of capacitors must be placed close to
each pin as shown in this diagram.
2.
The microcontroller can have more than one pin of this type. A 10 uF capacitors must be placed close to each pin
3.
The capacitor is only one. These capacitors on VDD_HV_AD pin can be also not close to the associated
pins.
4.
The recommended decoupling/stability capacitors can vary based on specific chosen ballast or circuitry.
See the device datasheet to choose the best recommended values For more information on SPC560Pxx
reset, please refer to the device reference manual.
a.
For the following list of devices:
-SPC560P34xx/P40xx cut1.1 and older
-SPC560P50xx/P44xx cut3.4 and older
-SPC560P60xx/P54xx
-SPC56AP60xx/AP54xx
It is not enough to be inside TVDD parameter range. it is needed on VDD_HV_REG pin a monotonic ramp up to 5V
or 3.3V starting from zero. To make the power up of the device more robust put a resistive network between
VDD_HV_REG, VDD_LV_REG and GND (see AN4057 for more details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com