Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3044 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3044
Description  ECU level diagnostic with SPC563Mx and SPC564Ax
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3044 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3044 Datasheet HTML 3Page - STMicroelectronics AN3044 Datasheet HTML 4Page - STMicroelectronics AN3044 Datasheet HTML 5Page - STMicroelectronics AN3044 Datasheet HTML 6Page - STMicroelectronics AN3044 Datasheet HTML 7Page - STMicroelectronics AN3044 Datasheet HTML 8Page - STMicroelectronics AN3044 Datasheet HTML 9Page - STMicroelectronics AN3044 Datasheet HTML 10Page - STMicroelectronics AN3044 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN3044
ECU level diagnostic
Doc ID 16196 Rev 2
7/20
2
ECU level diagnostic
ECU level diagnostic does not usually allow access to the JTAG pins. The ECU level
diagnostic is describing diagnostic possibilities with only the pins involved for serial boot
(i.e.: without using JTAG pins).
2.1
SPC563Mx and SPC564Ax traceability information
Each SPC56x has traceability information stored inside the Flash (shadow Flash).
The traceability information is stored in memory locations that are accessible by the
application software so that user application software can be used to read them and send
them over the selected diagnostic communication interface, UART,LIN, CAN or FlexRay.
To send the traceability information, users can use a user defined diagnostic mode that is
entered by the application software or use a serial boot mode. This is mainly driven by the
password strategy of the OEM.
Case1: using a user defined diagnostic mode
When the Flash is protected, the application software can always read the traceability
information. The application software may have then specific diagnostic mode that allows to
send this information over a predefined communication interface (CAN, LIN, K-line,
FlexRay). This operation does not require people to know the Flash password to do this in
the field.
Case2: using a serial boot mode and by allowing users to know the password
The traceability information stored inside SPC56x can be read by an external tool using the
password defined by users.
Case3: using a serial boot mode and avoiding users to know the password
To allow to read traceability information using the serial links only, the following procedure
must be implemented:
●
Reserve locations in the RAM (preferably with highest addresses)
●
Use the application software to make systematically a copy of the locations in the Flash
to selected locations in the RAM during the power on procedure
●
Start the ECU in application mode first
●
Apply then a reset without supply shutdown and ensure the MCU is brought in serial
boot mode
●
Use the software uploaded in RAM to export the traceability information using the
selected serial link
In this mode (i.e.: serial boot control word is not 0x55AA and censor control word is not
0x55AA), the Flash is not enabled in boot mode and external JTAG pins do not allow direct
access to the device when the Flash is enabled.
2.2
ECU self tests
ECU level self tests can be run either from the application software (ex: selection from ECU
pins) or from the microcontroller RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com