Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3044 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3044
Description  ECU level diagnostic with SPC563Mx and SPC564Ax
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3044 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3044 Datasheet HTML 9Page - STMicroelectronics AN3044 Datasheet HTML 10Page - STMicroelectronics AN3044 Datasheet HTML 11Page - STMicroelectronics AN3044 Datasheet HTML 12Page - STMicroelectronics AN3044 Datasheet HTML 13Page - STMicroelectronics AN3044 Datasheet HTML 14Page - STMicroelectronics AN3044 Datasheet HTML 15Page - STMicroelectronics AN3044 Datasheet HTML 16Page - STMicroelectronics AN3044 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN3044
SPC563Mx / SPC564Ax and Flash protection
Doc ID 16196 Rev 2
13/20
4
SPC563Mx / SPC564Ax and Flash protection
SPC56x allows to restrict access to the Flash content. There was a specific focus for the
powertrain variant as due to the type of application, car makers want to prevent engine
tuning.
The following table is summarizing the different possibilities offered by the powertrain
variants of SPC56x when the Flash is protected.
The table shows that when censor control word is not 0x55AA and when the serial control
word is also not 0x55AA, SPC563Mx and SPC564Ax have a very good protection and it is
not necessary to send the Flash password for ECU and PCB level diagnostics.
Debugging and analysis of specific cases that require access to the content of the Flash is
still possible to restricted users.
4.1
Flash protection, shadow Flash and reprogramming
The password is stored in the shadow Flash.
This part of the Flash should have, as far as possible, static information to prevent the need
to reprogram the shadow Flash in the field. Shadow Flash reprogramming is possible but
should be done with care. Mistakes made during the reprogramming sequence can render
the ECU unusable and unaccessible for new reprogramming.
Table 3.
SPC56x Flash access from serial boot mode or from JTAG
Censor control word is not 0x55AA
Censor control word is 0x55AA
Serial boot control word is
not 0x55AA
In boot mode(1), Flash is disabled but the
rest of the device (CPU, RAM, peripherals
are enabled) and JTAG accesses are
enabled.
In run mode, JTAG accesses are disabled
unless private password is entered
In boot mode, Flash is disabled and JTAG
accesses are enabled.
In run mode, JTAG accesses are enabled.
Serial boot control word is
0x55AA
In boot mode, Flash is enabled and JTAG
access is enabled; private password
required for serial boot or to enable JTAG
accesses.
In run mode, JTAG accesses are disabled
unless private password is entered
In boot mode, Flash is enabled and JTAG
access is enabled; private password
required for serial boot or to enable JTAG
accesses.
In run mode, JTAG accesses are enabled.
1.
This mode allows ECU and PCB level diagnostic without requiring the knowledge Flash password.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com