Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1635 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 17Page - STMicroelectronics UM1635 Datasheet HTML 18Page - STMicroelectronics UM1635 Datasheet HTML 19Page - STMicroelectronics UM1635 Datasheet HTML 20Page - STMicroelectronics UM1635 Datasheet HTML 21Page - STMicroelectronics UM1635 Datasheet HTML 22Page - STMicroelectronics UM1635 Datasheet HTML 23Page - STMicroelectronics UM1635 Datasheet HTML 24Page - STMicroelectronics UM1635 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DocID024604 Rev 2
21/42
UM1635
API specification
Table 27 lists the Suspend Flag values returned against the Suspend State and the Flash
block status.
Table 26. SuspendState definitions
Argument
Code
Description
Valid operation after suspend
NO_OPERTION
0
There is no program/erase
operation.
Erasing operation, programming
operation and read are valid on
both main array space and
shadow row.
PGM_WRITE
1
There is a program
sequence in interlock write
stage.
Only read is valid on both main
array space and shadow row.
ERS_WRITE
2
There is an erase
sequence in interlock write
stage.
Only read is valid on both main
array space and shadow row.
ERS_SUS_PGM_WRITE
3
There is an erase-suspend
program sequence in
interlock write stage.
Only read is valid on both main
array space and shadow row.
PGM_SUS
4
The program operation is
in suspended state.
Only read is valid on both main
array space and shadow row.
ERS_SUS
5
The erase operation on
main array is in suspended
state.
Programming operation is valid
on both main arrayspace and
shadow row. Read is valid on
both main array space and
shadow row.
SHADOW_ERS_SUS
6
The erase operation on
shadow row is in
suspended state.
Programming operation is valid
on both main array space and
shadow row.
Read is valid on both main array
space and shadow space.
ERS_SUS_PGM_SUS
7
The erase-suspended
program operation is in
suspended state.
Only read is valid on both main
array space and shadow row.
Table 27.
Suspending state and flag vs. C90FL2 status
suspendState
EHV
ERS
ESUS
PGM
PSUS
PEAS
suspendFlag
NO_OPERATION
X
0
X
0
X
X
FALSE
PGM_WRITE
0
0
X
1
0
X
FALSE
ERS_WRITE
0
1
0
0
X
X
FALSE
ESUS_PGM_WRITE
0
1
1
1
0
X
FALSE
PGM_SUS
1
0
X
1
0
X
TRUE
X0
X
1
1
X
FALSE
ERS_SUS
1
1
0
0
X
0
TRUE
X1
1
0
X
0
FALSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com