Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1635 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 25Page - STMicroelectronics UM1635 Datasheet HTML 26Page - STMicroelectronics UM1635 Datasheet HTML 27Page - STMicroelectronics UM1635 Datasheet HTML 28Page - STMicroelectronics UM1635 Datasheet HTML 29Page - STMicroelectronics UM1635 Datasheet HTML 30Page - STMicroelectronics UM1635 Datasheet HTML 31Page - STMicroelectronics UM1635 Datasheet HTML 32Page - STMicroelectronics UM1635 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DocID024604 Rev 2
29/42
UM1635
API specification
Troubleshooting
Comments
Refer to this section of FlashErase() function.
Assumptions
It assumes that the Flash block is initialized using the ‘FlashInit()’ API. User provides the
correct ssdConfig parameters to FlashDepletionRecover() as returned by FlashInit().
2.7
User test mode functions
2.7.1
FlashArrayIntegrityCheck()
Description
This function checks the array integrity of the Flash. The user specified address sequence is
used for array integrity reads and the operation is done on the specified blocks. The MISR
values calculated by the hardware is compared to the values passed by the user, if they are
not the same, then an error code is returned.
Prototype
UINT32 FlashArrayIntegrityCheck (PSSD_CONFIG pSSDConfig,
UINT32 lowEnabledBlocks,
UINT32 midEnabledBlocks,
UINT32 highEnabledBlocks,
BOOL addrSeq,
MISR misrValue,
void (*CallBack)(void));
Table 44. Troubleshooting for FlashDepletionRecover ()
Error codes
Possible causes
Solution
C90FL_ERROR_BUSY
New erase operation cannot be
performed because there is
program/erase sequence in
progress on the Flash module.
Wait until all previous program/erase operations
on the Flash module finish.
Possible cases that erase cannot start are:
erase in progress (FLASH_MCR-ERS is high);
program in progress (FLASH_MCR-PGM is
high);
C90FL_ERROR_ EGOOD
Depletion recovery failed.
Check if the C90FL2 is available and high
voltage is applied to C90FL2. Then try to do the
recovery operation again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com