Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2317 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 17Page - STMicroelectronics AN2317 Datasheet HTML 18Page - STMicroelectronics AN2317 Datasheet HTML 19Page - STMicroelectronics AN2317 Datasheet HTML 20Page - STMicroelectronics AN2317 Datasheet HTML 21Page - STMicroelectronics AN2317 Datasheet HTML 22Page - STMicroelectronics AN2317 Datasheet HTML 23Page - STMicroelectronics AN2317 Datasheet HTML 24Page - STMicroelectronics AN2317 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AN2317 - Application
External Circuit Design
21/27
When these application parameters are considered:
Vmains = 220VAC,
f = 50Hz, and
VZ = 6.4V (see Equation 31), the calculated IIN would be:
Equation 32
Selecting components in the circuit is a critical consideration. As a general rule, components
should be sized at twice the maximum power calculated for each device.
For example, by using the IIN value in Equation 32 and VDD = 5V to choose an appropriate
Zener diode, the results required to make the selection are expressed as follows:
Equation 33
and
Equation 34
Thus, a ZMM SOD 80*5.1V G Zener Diode is used.
I
IN
15.7mA
=
V
DD
I
IN
2
R
1
0.02W
=
=
P
D3
V
D3
I
IN
5.1 0.0157
0.08W
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com