Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2317 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 18Page - STMicroelectronics AN2317 Datasheet HTML 19Page - STMicroelectronics AN2317 Datasheet HTML 20Page - STMicroelectronics AN2317 Datasheet HTML 21Page - STMicroelectronics AN2317 Datasheet HTML 22Page - STMicroelectronics AN2317 Datasheet HTML 23Page - STMicroelectronics AN2317 Datasheet HTML 24Page - STMicroelectronics AN2317 Datasheet HTML 25Page - STMicroelectronics AN2317 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
External Circuit Design
AN2317 - Application
22/27
1.5.3
EMC Filter
EMC has become an important power supply parameter. In order to deal with common and
differential mode noise, a two-part AC filter is added (see
Figure 11 on page 18).
●
Differential filter (Filter 1)
Inductors L1/L2, and C1 represent a differential filter for DM (differential mode) noise
trying to enter the power supply. DM noise is produced by current flowing along either
the Line or Neutral conductor, and returning by the respective other. This produces a
noise voltage between the Line and Neutral conductors.
The filter will be designed for at least 10 times the line frequency, thereby resulting in a
frequency of 600Hz. The indication is then, that the cutoff frequency (fC) must not be
below 600Hz.
Capacitor C1 is X Class capacitor, used to reduce differential noise. To ensure that C1
does not fail because of the surge or short circuit current, it must be able to withstand
twice the mains voltage value. Keeping this requirement in mind, fC is calculated as
follows:
Equation 35
Note:
Generally, a specific fC value is chosen, then the inductors are tuned to that value.
f
C
1
2
π L
1
L
2
+
() C
1
⋅
-----------------------------------------------7.59Hz
=
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com