Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2799 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2799
Description  Measuring mains power consumption
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2799 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2799 Datasheet HTML 1Page - STMicroelectronics AN2799 Datasheet HTML 2Page - STMicroelectronics AN2799 Datasheet HTML 3Page - STMicroelectronics AN2799 Datasheet HTML 4Page - STMicroelectronics AN2799 Datasheet HTML 5Page - STMicroelectronics AN2799 Datasheet HTML 6Page - STMicroelectronics AN2799 Datasheet HTML 7Page - STMicroelectronics AN2799 Datasheet HTML 8Page - STMicroelectronics AN2799 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Hardware
AN2799
4/14
2.1
STM32F103xx microcontroller
The following list is a brief description of the features of the STM32F103xx microcontroller.
Please refer to the STM32F103xx datasheet for a more detailed description of the device.
●
Core: ARM 32-bit Cortex™-M3 CPU
–
72 MHz, 90 DMIPS with 1.25 DMIPS/MHz
–
Single-cycle multiplication and hardware division
●
Memory
–
32-to-128 Kbytes of Flash memory
–
6-to-20 Kbytes of SRAM
●
Clock, reset and supply management
–
2.0 to 3.6 V application supply and I/Os
–
POR, PDR, and programmable voltage detector (PVD)
–
4-to-16 MHz quartz oscillator
–
Internal 8 MHz factory-trimmed RC
–
Internal 40 kHz RC
–
PLL for CPU clock
–
32 kHz oscillator for RTC with calibration
●
Low power
–
Sleep, stop and standby modes
–
VBAT supply for RTC and backup registers
●
2 x 12-bit, 1 µs A/D converters (16-channel)
–
Conversion range: 0 to 3.6 V
–
Dual-sample and hold capability
–
Temperature sensor
●
DMA
–
7-channel DMA controller
–
Peripherals supported: timers, ADC, SPIs, I2Cs and USARTs
●
Debug mode
–
Serial wire debug (SWD) & JTAG interfaces
●
Up to 80 fast I/O ports
–
26/36/51/80 I/Os, all mappable on 16 external interrupt vectors, all 5 V-tolerant
except for analog inputs
●
Up to 7 timers
–
Up to three 16-bit timers, each with up to 4 IC/OC/PWM or pulse counter
–
16-bit, 6-channel advanced control timer: up to 6 channels for PWM output dead
time generation and emergency stop
–
2 watchdog timers (independent and window)
–
SysTick timer: a 24-bit down counter
●
Up to 9 communication interfaces
–
Up to 2 I2C interfaces (SMBus/PMBus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com