Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2799 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2799
Description  Measuring mains power consumption
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2799 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2799 Datasheet HTML 1Page - STMicroelectronics AN2799 Datasheet HTML 2Page - STMicroelectronics AN2799 Datasheet HTML 3Page - STMicroelectronics AN2799 Datasheet HTML 4Page - STMicroelectronics AN2799 Datasheet HTML 5Page - STMicroelectronics AN2799 Datasheet HTML 6Page - STMicroelectronics AN2799 Datasheet HTML 7Page - STMicroelectronics AN2799 Datasheet HTML 8Page - STMicroelectronics AN2799 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN2799
Hardware
5/14
–
Up to 3 USARTs (ISO 7816 interface, LIN, IrDA capability, modem control)
–
Up to 2 SPIs (18 Mbit/s)
–
CAN interface (2.0B Active)
–
USB 2.0 full speed interface
●
Packages are ECOPACK® (RoHS compliant)
2.1.1
STPM01
The STPM01 is a programmable single-phase energy metering IC which is designed for
effective measurement of active, reactive and apparent energy in a power line system using
a Rogowski coil, a current transformer and shunt sensors. The solution presented in this
document is based on a current transformer sensor. The following list is a brief description of
the main features of the STPM01. For more details, please refer to the device datasheet.
●
Active, reactive, apparent energies and RMS values
●
Ripple-free active energy pulsed output
●
Live and neutral monitoring for tamper detection
●
Easy and fast digital calibration in only one point over the whole current range
●
OTP for calibration and configuration
●
Integrated linear VREGS for digital and analog supply
●
Selectable RC or crystal oscillator
●
Supports 50-60 Hz - IEC62052-11, IEC62053-2X specification
●
Less than 0.1% error
●
Precision voltage reference: 1.23 V and 30 ppm/°C max
2.2
Hardware description
The hardware used in managing the STPM01 by the STM32x microcontroller is described in
this section.
Figure 2 shows a reference schematic to interface the STM32x microcontroller
with the STPM01. The STPM01 bidirectional data line is connected to the SPI-MISO of the
STM32. This is because the speeds for the data read and data write operations of the
STPM01 SPI interface are much too different: 32 MHz for the read operation and 100 kHz
for the write operation. In fact during the write operation, the serial communication is
emulated by software to have very slow communication on the STPM01 data line and during
the read operation, the STM32 SPI peripheral is used to reach the maximum speed
possible. Since the maximum speed of the STM32 SPI is 18 MHz, it doesn't matter which
SPI peripheral is used to have the maximum read bit rate. In this application the SPI2 is
used. The STPM01 clock is provided by the PA8 pin configured as the MCO alternate
function. The AC current is provided to the STPM01 by a current transformer connected to
the current channel 1. For more details about analog parts related to the STPM01, please
refer to the STPM01 datasheet.
Note:
The solution has been validated using the “SmartPlug” board. For further details please
refer to the “SmartPlug hardware user manual” .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com