Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2971 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2971
Description  Using the typical temperature characteristics of 32 KHz crystal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2971 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2971 Datasheet HTML 4Page - STMicroelectronics AN2971 Datasheet HTML 5Page - STMicroelectronics AN2971 Datasheet HTML 6Page - STMicroelectronics AN2971 Datasheet HTML 7Page - STMicroelectronics AN2971 Datasheet HTML 8Page - STMicroelectronics AN2971 Datasheet HTML 9Page - STMicroelectronics AN2971 Datasheet HTML 10Page - STMicroelectronics AN2971 Datasheet HTML 11Page - STMicroelectronics AN2971 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN2971
Example
Doc ID 15627 Rev 1
9/12
Figure 7.
Typical oscillator accuracy versus load capacitance
Step 3:
Example (continued):
Analog calibration value read was
0x14 (+5 pF).
Move +43 PPM from 5 pF (0x14).
DECREASING LOAD CAP.
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
-18.0 -15.0
5.0
9.75
Analog Calibration
Value, AC,
register 0x12
OFFSET TO
CXI, CXO (pF)
NET EQUIV. LOAD
CAP., C LOAD, (pF)
10.0
3.5
5.0
12.5
15
17.4
0xC8 0xBC
0xA9
0x00
0x14
0x27
INCREASING LOAD CAP.
SLOWER
FASTER
DECREASING LOAD CAP.
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
-18.0 -15.0
Analog Calibration
Value, AC,
register 0x12
OFFSET TO
CXI, CXO (pF)
NET EQUIV. LOAD
CAP., C LOAD, (pF)
INCREASING LOAD CAP.
SLOWER
FASTER
Read factory calibration value:
Set OTP bit to 1, wait 4ms, then
read analog calibration register
(address 0x12). This will return
factory calibration value (for 0
PPM @ 25°C).
Step 4: Find factory calibration value on
the curve, then move ΔPPM (from
step 2) up/down from there and
read new calibration value from
PPM vs.load capacitance
table/graph (figure 7 and figure 8)
+43PPM
New calibration value
Value read is –10.25 pF (0xA9).
Step 5: Clear OTP bit, then write new
value to analog calibration
register.
Clear OTP bit at address 0x13.
Write 0xA9 to address 0x12.
Steps (continued)
0x94
–10.25
7.38
–5.0
0.0
AM03099v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com