Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2971 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2971
Description  Using the typical temperature characteristics of 32 KHz crystal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2971 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2971 Datasheet HTML 1Page - STMicroelectronics AN2971 Datasheet HTML 2Page - STMicroelectronics AN2971 Datasheet HTML 3Page - STMicroelectronics AN2971 Datasheet HTML 4Page - STMicroelectronics AN2971 Datasheet HTML 5Page - STMicroelectronics AN2971 Datasheet HTML 6Page - STMicroelectronics AN2971 Datasheet HTML 7Page - STMicroelectronics AN2971 Datasheet HTML 8Page - STMicroelectronics AN2971 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN2971
Application theory
Doc ID 15627 Rev 1
5/12
2
Application theory
As shown in Figure 5, the typical temperature characteristics of the 32 KHz crystal are
described by a parabola. Away from the center point, at temperatures above and below
25°C, the crystal tends to run at lower frequencies. A table can be derived from the curve
from which the user can look up the approximate drift (in parts per million or PPM) of the
clock for a given temperature. Thus, if the application can measure the temperature, it can
predict the drift of the real-time clock and compensate accordingly by adjusting the RTC's
calibration circuit.
The M41T83 and M41T93 employ analog calibration circuits which adjust the frequency of
the oscillator by adding or removing capacitance. The non-linear relationship between the
load capacitance and frequency is depicted in the curve of Figure 7.
Note that, since the curve is non-linear, the incremental change in PPM of the oscillator
varies with the position on the curve. That is, a small change in capacitance does not have
the same effect on PPM at one point on the curve as at another. Therefore, in order to
determine how much incremental capacitance to add or remove to achieve a desired PPM
shift, the user must first determine where on the curve the device is operating.
In the cases of the M41T83 and M41T93, in the embedded crystal package, a factory-
calibration value is programmed into a permanent (one-time programmable) register which
can be read by the application. This provides the starting point for the calibration procedure.
It indicates where on the curve the device is operating at room temperature.
In summary, Figure 5 (tabularized in Figure 6) tells the user the necessary PPM of
calibration required for a given temperature. In turn, Figure 7 and Figure 8 allow the user to
determine the load capacitance setting necessary to achieve the desired PPM shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com