Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3350 Datasheet(PDF) 62 Page - STMicroelectronics

Part # AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 58Page - STMicroelectronics AN3350 Datasheet HTML 59Page - STMicroelectronics AN3350 Datasheet HTML 60Page - STMicroelectronics AN3350 Datasheet HTML 61Page - STMicroelectronics AN3350 Datasheet HTML 62Page - STMicroelectronics AN3350 Datasheet HTML 63Page - STMicroelectronics AN3350 Datasheet HTML 64Page - STMicroelectronics AN3350 Datasheet HTML 65Page - STMicroelectronics AN3350 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 185 page
background image
Working with the assembler
AN3350
62/185
Doc ID 018512 Rev 2
other files to use the symbol, you must use the .extern symbol directive to declare the
symbol as external.
10.3.9
Weak symbols
Weak symbols, defined using the .weak symbol directive, are treated as global by the
assembler, however the linker handles them differently. When the linker resolves an external
symbol, the linker attempts to use the (single) global definition for that symbol. If no such
definition exists, the linker uses the first corresponding weak symbol definition it encounters
in one of the linked files.
10.3.10
Scope rules
All .global declarations take precedence over .weak declarations. Both .global and
.weak
declarations take precedence over .extern declarations. To avoid link errors, you
must declare symbols used and not defined in a file as external.
Note:
The assembler must be able to fully resolve symbols before you can use them in the
definition of an .equ symbol, value directive or symbols influencing the address
location of the generated code (see Section 10.4.2: Data storage).
10.3.11
Strings
A string is a sequence of characters enclosed in double quotes (“). Characters preceded by
the backslash character (\) have special meaning, as shown in Table 5.
10.4
Instructions and directives
The assembler does not translate directives directly into machine-language instructions.
Instead, directives allow you to control issues such as memory layout (addresses for storing
data, data contents, data alignment), symbol manipulation, structural grouping of
statements, and so on.
Table 5.
Special characters in strings
Special characters
Expands to
\b
backspace
\n
new line
\r
return
\t
tab
\”
double quote
\\
backslash
\xnn
hexadecimal equivalent — For example, \x6B expands to the letter
k
.
Note: Hexadecimal strings required by the .hexa directive do not
require the \x prefix. Instead, the .hexa string is a sequence
of two-digit hexadecimal values, each digit represented by one
ASCII character. For example, .hexa “4869” stores two
bytes: 72, and 105.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com