Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3350 Datasheet(PDF) 90 Page - STMicroelectronics

Part # AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 86Page - STMicroelectronics AN3350 Datasheet HTML 87Page - STMicroelectronics AN3350 Datasheet HTML 88Page - STMicroelectronics AN3350 Datasheet HTML 89Page - STMicroelectronics AN3350 Datasheet HTML 90Page - STMicroelectronics AN3350 Datasheet HTML 91Page - STMicroelectronics AN3350 Datasheet HTML 92Page - STMicroelectronics AN3350 Datasheet HTML 93Page - STMicroelectronics AN3350 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 185 page
background image
C compiler
AN3350
90/185
Doc ID 018512 Rev 2
12
C compiler
This chapter explains the implementation of the C programming language:
Extensions to standard C
C99 extensions
GCC extensions
12.1
Extensions to standard C
The C compiler adds extra features to the C programming language. These extensions
make it easier to port source code from other compilers and offer some programming
conveniences. Note that some of these extensions do not conform to the ISO/IEC 9899-
1990 C standard (“C90”).
Controlling standard C conformance
C++-style comments
Unnamed arguments
Extensions to the preprocessor
Non-standard keywords
12.1.1
Controlling standard C conformance
The compiler offers settings that verify how closely your source code conforms to the
ISO/IEC 9899-1990 C standard (“C90”). Enable these settings to check for possible errors
or improve source code portability.
Some source code is too difficult or time-consuming to change so that it conforms to the
ISO/IEC standard. In this case, disable some or all of these settings.
Table 12 shows how to control the compiler’s features for ISO conformance.
12.1.2
C++-style comments
When ANSI strictness is off, the C compiler allows C++-style comments. Example 23 shows
an example.
Example 23 C++ comments
a = b;
// This is a C++-style comment.
c = d;
/* This is a regular C-style comment. */
Table 12.
Controlling conformance to the ISO/IEC 9899-1990 C language
To control this option from here...
use this setting
Source code
#pragma ANSI_strict
#pragma only_std_keywords
Command line
-ansi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com