Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3350 Datasheet(PDF) 121 Page - STMicroelectronics

Part # AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 117Page - STMicroelectronics AN3350 Datasheet HTML 118Page - STMicroelectronics AN3350 Datasheet HTML 119Page - STMicroelectronics AN3350 Datasheet HTML 120Page - STMicroelectronics AN3350 Datasheet HTML 121Page - STMicroelectronics AN3350 Datasheet HTML 122Page - STMicroelectronics AN3350 Datasheet HTML 123Page - STMicroelectronics AN3350 Datasheet HTML 124Page - STMicroelectronics AN3350 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 185 page
background image
AN3350
Predefined macros
Doc ID 018512 Rev 2
121/185
target-name
The name of a build target in the active project in an integrated development environment
(IDE).
Remarks
Expands to 1 if target_name is the same as the active build target in the IDE’s active
project. Expands to 0 otherwise. The ISO standards do not specify this symbol.
15.10
__LINE__
Preprocessor macro of the number of the line of the source code file being compiled.
Syntax
__LINE__
Remarks
The compiler defines this macro as a integer value of the number of the line of the source
code file that the compiler is translating. The #line directive also affects the value that this
macro expands to.
15.11
__MWERKS__
Deprecated. Preprocessor macro defined as the version of the compiler.
Syntax
__MWERKS__
Remarks
Replaced by the built-in preprocessor macro __CWCC__.
Compilers issued after 1995 define this macro with the compiler’s version. For example, if
the compiler version is 4.0, the value of __MWERKS__ is 0x4000.
This macro is defined as 1 if the compiler was issued before the 1995.
The ISO standards do not specify this symbol.
15.12
__PRETTY_FUNCTION__
Predefined variable containing a character string of the “unmangled” name of the C++
function being compiled.
Syntax
__PRETTY_FUNCTION__
Prototype
static const char __PRETTY_FUNCTION__[] = "function-name";



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com