Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3350 Datasheet(PDF) 139 Page - STMicroelectronics

Part # AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 135Page - STMicroelectronics AN3350 Datasheet HTML 136Page - STMicroelectronics AN3350 Datasheet HTML 137Page - STMicroelectronics AN3350 Datasheet HTML 138Page - STMicroelectronics AN3350 Datasheet HTML 139Page - STMicroelectronics AN3350 Datasheet HTML 140Page - STMicroelectronics AN3350 Datasheet HTML 141Page - STMicroelectronics AN3350 Datasheet HTML 142Page - STMicroelectronics AN3350 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 185 page
background image
AN3350
Pragmas for diagnostic messages
Doc ID 018512 Rev 2
139/185
19
Pragmas for diagnostic messages
19.1
extended_errorcheck
Controls the issuing of warning messages for possible unintended logical errors.
Syntax
#pragma extended_errorcheck on | off | reset
Remarks
If you enable this pragma, the compiler generates a warning message (not an error) if it
encounters some common programming errors:
●
An integer or floating-point value assigned to an enum type. Example 84 shows an
example.
Example 84 Assigning to an enumerated type
enum Day { Sunday, Monday, Tuesday, Wednesday,
Thursday, Friday, Saturday } d;
d = 5; /* WARNING */
d = Monday; /* OK */
d = (Day)3; /* OK */
●
An empty return statement in a function that is not declared void. For example,
Example 85 results in a warning message.
Example 85 A non-void function with an empty return statement
int MyInit(void)
{
int err = GetMyResources();
if (err != -1)
{
err = GetMoreResources();
}
return; /* WARNING: empty return statement */
}
Example 86 shows how to prevent this warning message.
Example 86 A non-void function with a proper return statement
int MyInit(void)
{
int err = GetMyResources();
if (err != -1)
{
err = GetMoreResources();
}
return err; /* OK */
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com