Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3350 Datasheet(PDF) 169 Page - STMicroelectronics

Part # AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 165Page - STMicroelectronics AN3350 Datasheet HTML 166Page - STMicroelectronics AN3350 Datasheet HTML 167Page - STMicroelectronics AN3350 Datasheet HTML 168Page - STMicroelectronics AN3350 Datasheet HTML 169Page - STMicroelectronics AN3350 Datasheet HTML 170Page - STMicroelectronics AN3350 Datasheet HTML 171Page - STMicroelectronics AN3350 Datasheet HTML 172Page - STMicroelectronics AN3350 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 185 page
background image
AN3350
Pragmas for code generation
Doc ID 018512 Rev 2
169/185
Remarks
This pragma reverses the bitfield allocation, so that bitfields are arranged from the opposite
side of the storage unit from that ordinarily used on the target. The compiler still orders the
bits within a single bitfield such that the lowest-valued bit is in the right-most position.
This pragma does not correspond to any panel setting. By default, this pragma is disabled.
Note:
Limitation: please be aware of the following limitations when this pragma is set to on:
- the data types of the bit-fields must be the same data type
- the structure (struct) or class must not contain non-bit-field members; however, the
structure (struct) can be the member of another structure
21.14
store_object_files
Controls the storage location of object data, either in the target data directory or as a
separate file.
Syntax
#pragma store_object_files on | off | reset
Remarks
By default, the IDE writes object data to the project’s target data directory. When this
pragma is on, the object data is written to a separate object file.
Note:
For some targets, the object file emitted may not be recognized as actual object data.
This pragma does not correspond to any panel setting. By default, this pragma is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com