Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3350 Datasheet(PDF) 182 Page - STMicroelectronics

Part # AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 177Page - STMicroelectronics AN3350 Datasheet HTML 178Page - STMicroelectronics AN3350 Datasheet HTML 179Page - STMicroelectronics AN3350 Datasheet HTML 180Page - STMicroelectronics AN3350 Datasheet HTML 181Page - STMicroelectronics AN3350 Datasheet HTML 182Page - STMicroelectronics AN3350 Datasheet HTML 183Page - STMicroelectronics AN3350 Datasheet HTML 184Page - STMicroelectronics AN3350 Datasheet HTML 185Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 182 / 185 page
background image
eTPU specific features
AN3350
182/185
Doc ID 018512 Rev 2
This pragma writes information into the host interface files. The created file would have the
name of the compiled file with the extension <char>. The <text> information can be either
direct text or ::ETPU macros, which are expanded at link time and can give the host
application information regarding the code and the data variables location and initialization.
23.14
#pragma fill
#pragma fill = list, ...;
#pragma fill [size] @ location = list, ... ;
The compiler will fill program memory with <list>. <list> items are any values or strings,
defined as constant data separated by commas.
When size is not specified the compiler will simply emit the list in memory. If <size> is
specified, the compiler will fill <size> words of memory with the data. The compiler will
truncate the list to fit size, or repeat it to fill exactly <size> words.
23.15
__attribute__((expects_flags))
Specifies that a function is using the flags created in the caller function by the assignment
into the first argument
Syntax
__attribute__((expects_flags)) function-declaration;
__attribute__((expects_flags)) function-definition;
23.16
__attribute__((no_save_registers))
Specifies that this function do not save and restore its registers. The only thing added in its
epilogue is an rtn instruction. This attribute is not recommended and is here only for
backwards compatibility with old code.
Syntax
__attribute__((no_save_registers)) function-declaration;
__attribute__((no_save_registers)) function-definition;
23.17
__attribute__((pure_assembly))
Specifies that this function contains only inline assembly instructions and it will not be
optimized. It would also not have any prologue or epilogue. This attribute is not
recommended and is here only for backwards compatibility with old code.
The recommended way of doing it is simply writing the code in an assembly file and not as C
inline assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com