Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3385 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3385
Description  This application note describes the STEVAL-CCA027V1 demonstration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3385 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3385 Datasheet HTML 5Page - STMicroelectronics AN3385 Datasheet HTML 6Page - STMicroelectronics AN3385 Datasheet HTML 7Page - STMicroelectronics AN3385 Datasheet HTML 8Page - STMicroelectronics AN3385 Datasheet HTML 9Page - STMicroelectronics AN3385 Datasheet HTML 10Page - STMicroelectronics AN3385 Datasheet HTML 11Page - STMicroelectronics AN3385 Datasheet HTML 12Page - STMicroelectronics AN3385 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN3385
PCB layout
Doc ID 018702 Rev 1
9/15
3.2
Design guidelines for PCB schematic and layout
3.2.1
Dumping network
The capacitor is mainly intended for high inductive loads and for common-mode noise
attenuation.
Figure 7.
Dumping network
3.2.2
Main filter
The main filter is an LC Butterworth based filter. The cutoff frequency must be chosen
between the upper limit of the audio band (
∼20 kHz) and the carrier frequency (310 kHz).
Figure 8.
Main filter
AM045281v1
C28
100nF
C24
100nF
Table 5.
Recommended values
RLOAD
8
Ω
6
Ω
LLOAD
33 µH
22 µH
CLOAD
220 nF
220 nF
AM045282v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com