Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3385 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3385
Description  This application note describes the STEVAL-CCA027V1 demonstration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3385 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3385 Datasheet HTML 1Page - STMicroelectronics AN3385 Datasheet HTML 2Page - STMicroelectronics AN3385 Datasheet HTML 3Page - STMicroelectronics AN3385 Datasheet HTML 4Page - STMicroelectronics AN3385 Datasheet HTML 5Page - STMicroelectronics AN3385 Datasheet HTML 6Page - STMicroelectronics AN3385 Datasheet HTML 7Page - STMicroelectronics AN3385 Datasheet HTML 8Page - STMicroelectronics AN3385 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN3385
Operation
Doc ID 018702 Rev 1
5/15
1.4
Powering up
Before powering up the demonstration board, ensure that the TDA7492 is in standby and
mute conditions and the gain is set to the desired value (default 21.6 dB) and verify the
dedicated switches and jumpers.
Figure 3.
Standby and mute control
Table 2.
Standby and mute settings
STBY (S1)
Mute (S2)
Status
L
L
STBY
L
H
STBY
HL
MUTE
HH
PLAY
Table 3.
Gain settings
Gain 0 (J5)
Gain 1 (J6)
Gain (dB)
Open (L)
Open (L)
21.6
Open (L)
Closed (H)
27.6
Closed (H)
Open (L)
31.1
Closed (H)
Closed (H)
33.6
AM045277v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com