Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4118 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4118
Description  This document describes APWLink which has been designed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4118 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4118 Datasheet HTML 5Page - STMicroelectronics AN4118 Datasheet HTML 6Page - STMicroelectronics AN4118 Datasheet HTML 7Page - STMicroelectronics AN4118 Datasheet HTML 8Page - STMicroelectronics AN4118 Datasheet HTML 9Page - STMicroelectronics AN4118 Datasheet HTML 10Page - STMicroelectronics AN4118 Datasheet HTML 11Page - STMicroelectronics AN4118 Datasheet HTML 12Page - STMicroelectronics AN4118 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN4118
Schematic and bill of material
Doc ID 023226 Rev 2
9/13
Figure 8.
APWLink schematic - part 2
U5 AP1117_33
Vout
BYPASS
INH
GND
Vin
1
2
34
5
U6
LD2985A18
+ C43
33uF
+
C41
10uF
+
C46
10uF
C44
100nF
C45
100nF
C39
1uF
C40
100nF
C42
100nF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
J15
12
34
56
78
910
11
12
13
14
15
16
J10
MB_CON
12
34
56
J16
12
34
56
78
910
J13
AUX_CON
Y2
12.288MHz
JP1
SPDT/SM
J7
J4
J2
J3
R7
0R
C11
100nF
J12
R5
0R
C47
47pF
1
2
3
4
5
J5
R6
10k
1
2
34
5
6
U1
STG719
R32
100R
C48
100nF
R36
100R
R37
100R
C50
120pF
C51
10pF
R40
10R
+
VCC_USB
VCC_3V3 VCC_USB
VCC_1V8
CONF_BICKI
CONF_LRCKI
BICKI_030
LRCKI_030
SDATAI_030
CONF_SDATAI1
CONF_SDATAI2
CONF_SDATAI3
CONF_MCLKI
FTDI_XTI
CONF_SDATAO
CONF_CLKOUT
CONF_CLKOUT
CONF_SDATAO
XTI_SPDIF
DATA_SPDIF
LRCK_SPDIF
BICK_SPDIF
CONF_SDATAO
FTDI_SA
CONF_CLKOUT
FTDI_TMODE
CONF_TH_W
CONF_SDATAI1
CONF_SDATAI3
CONF_SDATAI2
CONF_BICKI
FTDI_SCL_EXT
FTDI_MUTE
CONF_LRCKI
FTDI_SDA
CONF_FAIL
FTDI_RESET
FTDI_STBY
VCC_3V3
CONF_MCLKI
VCC_3V3
AINR
AINL
AGND
VCC_XT
I2C_CTRL
VCC_3V3
VCC_3V3
FTDI_SCL
FTDI_SCL_030
FTDI_SCL_EXT
VCC_3V3
VCC_XT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com